Electronic Components Datasheet Search
  English  ▼

X  

P0120002P Datasheet(PDF) 5 Page - Eudyna Devices Inc

Part # P0120002P
Description  250mW GaAs Power FET (Pb-Free Type)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

P0120002P Datasheet(HTML) 5 Page - Eudyna Devices Inc

  P0120002P Datasheet HTML 1Page - Eudyna Devices Inc P0120002P Datasheet HTML 2Page - Eudyna Devices Inc P0120002P Datasheet HTML 3Page - Eudyna Devices Inc P0120002P Datasheet HTML 4Page - Eudyna Devices Inc P0120002P Datasheet HTML 5Page - Eudyna Devices Inc P0120002P Datasheet HTML 6Page - Eudyna Devices Inc P0120002P Datasheet HTML 7Page - Eudyna Devices Inc P0120002P Datasheet HTML 8Page - Eudyna Devices Inc P0120002P Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp Web Site: www.sei.co.jp/GaAsIC/
-5-
Technical Note
P0120002P
250mW GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
Tc=25°C, Vds=6V, Ids=100mA, Pin=-5dBm
[Pout-Lstate]
f = 2.1GHz
Γ
pout
: 0.73
∠ 85.8
Source
: 0.79
∠ 160.5
Pout max : 15.75dBm
[IP3-Lstate]
f1 = 2.1GHz
f2 = 2.101GHz
Γ
IP3
: 0.27
∠ 87.0
Source : 0.71
∠ 131.9
IP3 max : 45.75d Bm
Tc= 25°C, Vds=6V, Ids=80mA , Pin=-5d Bm
[Pout-Lstate]
f = 2.1GHz
Γ
pout
: 0.74
∠ 89.0
Source
: 0.79
∠ 160.5
Pout max : 16.05dBm
[IP3-Lstate]
f1 = 2.1GHz
f2 = 2.101GHz
Γ
IP3
: 0.35
∠ 90.9
Source : 0.71
∠ 131.9
IP3 max : 40.95d Bm
+j100
+j50
+j25
-j25
-j50
-j100
100Ω
50Ω
25Ω
45.75
44.7543.75
40.75
41.75
42.75
38.45
39.45
38.95
40.95
39.95
40.45
+j25
+j50
+j100
-j100
-j50
-j25
25Ω
50Ω
100Ω
38.45
39.45
38.95
40.95
39.95
40.45
+j25
+j50
+j100
-j100
-j50
-j25
25Ω
50Ω
100Ω
14.5
15.0
14.75
15.75
15.25
15.5
+j25
+j50
+j100
-j100
-j50
-j25
25Ω
50Ω
100Ω
14.8
15.3
15.05
16.05
15.55
15.8
+j25
+j50
+j100
-j100
-j50
-j25
25Ω
50Ω
100Ω
14.8
15.3
15.05
16.05
15.55
15.8
+j25
+j50
+j100
-j100
-j50
-j25
25Ω
50Ω
100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com