Electronic Components Datasheet Search
  English  ▼

X  

P0120002P Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # P0120002P
Description  250mW GaAs Power FET (Pb-Free Type)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

P0120002P Datasheet(HTML) 3 Page - Eudyna Devices Inc

  P0120002P Datasheet HTML 1Page - Eudyna Devices Inc P0120002P Datasheet HTML 2Page - Eudyna Devices Inc P0120002P Datasheet HTML 3Page - Eudyna Devices Inc P0120002P Datasheet HTML 4Page - Eudyna Devices Inc P0120002P Datasheet HTML 5Page - Eudyna Devices Inc P0120002P Datasheet HTML 6Page - Eudyna Devices Inc P0120002P Datasheet HTML 7Page - Eudyna Devices Inc P0120002P Datasheet HTML 8Page - Eudyna Devices Inc P0120002P Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Technical Note
P0120002P
250mW GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
Tc=25°C, Vds=6V, Ids=80mA, Common Source, Zo=50Ω (Calibrated to device leads)
10.0
5.0
3.0
4.0
-0.2
-0
.4
S11
S22
1.2GHz
1.2GHz
2.4GHz
2.4GHz
10.0
5.0
3.0
4.0
-0.2
-0
.4
S11
S22
1.2GHz
1.2GHz
2.4GHz
2.4GHz
0
-180
Scale for |S12|
1.2GHz
S21
1.2GHz
2.4GHz
2.4GHz
S12
0.02
0.04
0.06
0
2.0
4.0
6.0
0
0
-180
Scale for |S12|
1.2GHz
S21
1.2GHz
2.4GHz
2.4GHz
S12
0.02
0.04
0.06
0
2.0
4.0
6.0
0
Ids=100mA Freq(GHz) S11 Mag
S11 Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
1.2
0.861
-102.8
6.088
107.4
0.037
37.7
0.463
-40.9
1.4
0.842
-117.4
5.659
97.5
0.039
31.5
0.442
-45.9
1.6
0.830
-130.3
5.264
88.5
0.041
25.8
0.423
-50.0
1.8
0.820
-141.7
4.892
80.2
0.043
20.7
0.412
-53.4
2.0
0.810
-152.1
4.592
72.4
0.044
16.2
0.398
-58.1
2.2
0.801
-161.6
4.350
64.8
0.046
11.5
0.380
-62.1
2.4
0.789
-171.1
4.139
57.3
0.048
6.4
0.360
-66.0
Ids=80mA
Freq(GHz) S11 Mag
S11 Ang
S21 Mag
S21 Ang
S12 Mag
S12 Ang
S22 Mag
S22 Ang
1.2
0.861
-102.2
6.066
107.7
0.039
37.2
0.462
-41.9
1.4
0.843
-116.7
5.645
97.8
0.042
30.5
0.440
-47.0
1.6
0.830
-129.6
5.256
88.7
0.044
24.7
0.419
-51.2
1.8
0.820
-141.1
4.885
80.4
0.046
19.5
0.407
-54.7
2.0
0.809
-151.5
4.589
72.6
0.047
14.7
0.392
-59.4
2.2
0.800
-161.0
4.347
65.0
0.049
9.9
0.374
-63.3
2.4
0.788
-170.5
4.138
57.6
0.051
4.8
0.352
-67.2
[Note]You can download the S-parameter list from our web site: www.sei.co.jp/GaAsIC/
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp
-3-
Web Site: www.sei.co.jp/GaAsIC/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com