Electronic Components Datasheet Search
  English  ▼

X  

P0120002P Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # P0120002P
Description  250mW GaAs Power FET (Pb-Free Type)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

P0120002P Datasheet(HTML) 1 Page - Eudyna Devices Inc

  P0120002P Datasheet HTML 1Page - Eudyna Devices Inc P0120002P Datasheet HTML 2Page - Eudyna Devices Inc P0120002P Datasheet HTML 3Page - Eudyna Devices Inc P0120002P Datasheet HTML 4Page - Eudyna Devices Inc P0120002P Datasheet HTML 5Page - Eudyna Devices Inc P0120002P Datasheet HTML 6Page - Eudyna Devices Inc P0120002P Datasheet HTML 7Page - Eudyna Devices Inc P0120002P Datasheet HTML 8Page - Eudyna Devices Inc P0120002P Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Technical Note
P0120002P
250mW GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp
♦Features
Web Site: www.sei.co.jp/GaAsIC/
· Up to 2.7 GHz frequency band
· Beyond +22 dBm output power
· Up to +41dBm Output IP3
· High Drain Efficiency
· 15dB Gain at 2.1GHz
· SOT-89 SMT Package (Pb-free)
· Low Noise Figure
♦Applications
· Wireless communication system
· Cellular, PCS, PHS, W-CDMA, WLAN
♦Description
P0120002P is a high performance GaAs MESFET housed in
a low-cost SOT-89 package. Our originally developed
"pulse-doped" channel structure has realized low distortion,
which leads to high IP3. The channel structure also achieved
an extremely low noise figure. The details about pulse-doped
FET channel are described in our products catalog.
Utilization of AuSn die attach has realized a low and stable
thermal resistance. The lead frame is plated with Sn-Bi to
make the device Pb-free.
SEI’s long history of manufacturing has cultivated high
device reliability. The estimated MTTF of the FET is longer
than 15years at Tj of 150°C. You can see the details in
Reliability and Quality Assurance.
♦Functional Diagram
4
12
3
Pin No.
Function
1
Input/Gate
2, 4
Ground
3
Output/Drain
♦Ordering Information
Part No
Description
Number
of devices
Container
P0120002P
GaAs Power FET
1000
7” Reel
KP022J
2.11-2.17GHz
Application Circuit
1
Anti-static
Bag
♦Absolute Maximum Ratings (@Tc=25°C)
Parameter
Symbol
Value
Units
Drain-Source Voltage
Vds
8
V
Gate-Source Voltage
Vgs
- 4
V
Drain Current
Ids
Idss
---
RF Input Power
(continuous)
Pin
13 (*)
dBm
Power Dissipation
Pt
1.7
W
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
- 40 to +125
°C
Tc: Case Temperature. Operating the device beyond any of these
values may cause permanent damage.
(*) Measured at 2.1GHz with our test fixture matched to IP3.
♦Electrical Specifications (@Tc=25°C)
Values
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Saturated Drain Current
Idss
Vds=3V, Vg=0V
---
---
300
mA
Transconductance
gm
Vds=6V, Ids=100mA
90
---
---
mS
Pinchoff Voltage
Vp
Vds=6V, Ids=10mA
- 3.0
---
- 1.7
V
Gate-Source Breakdown Voltage
|Vgs0|
Igso= - 10
µA
3.0
---
---
V
DC
Thermal Resistance
Rth
Channel-Case
---
---
60
°C/W
Frequency
f
2.7
GHz
Output Power
@ 1dB Gain Compression
P1dB
---
24
---
dBm
Small Signal Gain
G
---
15
---
dB
Output IP3
IP3
---
41
---
dBm
RF
PowerAdded Efficiency
ηadd
Vds=6V
Ids=80mA
f=2.1GHz
---
50
---
%
-1-


Similar Part No. - P0120002P

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
800mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
1.5W GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
250mW GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
1W GaAs Power FET (Pb-Free Type)
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
2W GaAs Power FET (Pb-Free Type)
More results

Similar Description - P0120002P

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
P0120003P EUDYNA-P0120003P Datasheet
845Kb / 13P
800mW GaAs Power FET (Pb-Free Type)
P0120004P EUDYNA-P0120004P Datasheet
821Kb / 13P
1.5W GaAs Power FET (Pb-Free Type)
P0120007P EUDYNA-P0120007P Datasheet
778Kb / 13P
250mW GaAs Power FET (Pb-Free Type)
P0120008P EUDYNA-P0120008P Datasheet
833Kb / 13P
1W GaAs Power FET (Pb-Free Type)
P0120009P EUDYNA-P0120009P Datasheet
818Kb / 13P
2W GaAs Power FET (Pb-Free Type)
logo
OSRAM GmbH
LD242 OSRAM-LD242 Datasheet
209Kb / 7P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH400 OSRAM-SFH400 Datasheet
231Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
logo
LUXPIA
LIB1000 LUXPIA-LIB1000 Datasheet
616Kb / 15P
Pb-Free Reflow
logo
Taiwan Semiconductor Co...
TSM2NB60CP TSC-TSM2NB60CP Datasheet
840Kb / 9P
Pb-free plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com