Electronic Components Datasheet Search
  English  ▼

X  

P0120002P Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # P0120002P
Description  250mW GaAs Power FET (Pb-Free Type)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

P0120002P Datasheet(HTML) 4 Page - Eudyna Devices Inc

  P0120002P Datasheet HTML 1Page - Eudyna Devices Inc P0120002P Datasheet HTML 2Page - Eudyna Devices Inc P0120002P Datasheet HTML 3Page - Eudyna Devices Inc P0120002P Datasheet HTML 4Page - Eudyna Devices Inc P0120002P Datasheet HTML 5Page - Eudyna Devices Inc P0120002P Datasheet HTML 6Page - Eudyna Devices Inc P0120002P Datasheet HTML 7Page - Eudyna Devices Inc P0120002P Datasheet HTML 8Page - Eudyna Devices Inc P0120002P Datasheet HTML 9Page - Eudyna Devices Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Technical Note
P0120002P
250mW GaAs Power FET (Pb-Free Type)
SUMITOMO ELECTRIC
Ids=100mA
Ids=80mA
Device: P0120002P
Frequency: f1=2.1GHz, f2=2.101GHz
Bias: Vds=6V, Ids=100mA
Source Matching: Mag 0.71 Ang 131.9°
Load Matching: Mag 0.27 Ang 87.0°
Device: P0120002P
Frequency: f1=2.1GHz, f2=2.101GHz
Bias: Vds=6V, Ids=80mA
Source Matching: Mag 0.71 Ang 131.9°
Load Matching: Mag 0.35 Ang 90.9°
-100
-80
-60
-40
-20
0
20
40
60
80
-20
-15
-10-5
0
5
1015
20
Pin (dBm)
Gain
IP3
ηadd
IM3
IM3/Pout
-100
-80
-60
-40
-20
0
20
40
60
80
-20
-15
-10-5
0
5
1015
20
Pin (dBm)
Gain
IP3
ηadd
IM3
IM3/Pout
-100
-80
-60
-40
-20
0
20
40
60
80
-20
-15
-10-5
0
5
1015
20
Pin (dBm)
Pout
Gain
IP3
ηadd
IM3
IM3/Pout
-100
-80
-60
-40
-20
0
20
40
60
80
-20
-15
-10-5
0
5
1015
20
Pin (dBm)
Pout
Gain
IP3
ηadd
IM3
IM3/Pout
Pout
Gain
IP3
ηadd
IM3
IM3/Pout
Pout
Gain
IP3
ηadd
IM3
IM3/Pout
[Note] Pout and η add are measured by one signal.
The data for the figures above were measured with the load impedance matched to IP3.
Id=100mA
Pin
(dBm)
Pout
(dBm)
Gain
(dB)
IM3
(dBm)
IM3/Pout
(dBc)
IP3
(dBm)
Id
(mA)
ηadd
(%)
-15.0
0.3
15.3
-73.7
-74.0
37.3
98.1
0.2
-10.0
5.7
15.7
-65.9
-71.7
41.6
96.4
0.6
-5.0
10.8
15.8
-61.4
-72.2
46.8
93.6
2.1
0.0
15.8
15.8
-28.2
-44.0
37.8
88.6
7.0
5.0
20.9
15.9
0.2
-20.7
29.9
85.9
23.2
10.0
24.6
14.6
16.1
-8.5
23.6
93.7
49.0
15.0
25.6
10.6
20.6
-5.0
21.5
105.7
52.5
Id=80mA
Pin
(dBm)
Pout
(dBm)
Gain
(dB)
IM3
(dBm)
IM3/Pout
(dBc)
IP3
(dBm)
Id
(mA)
ηadd
(%)
-15.0
0.2
15.2
-76.1
-76.3
38.3
78.5
0.2
-10.0
5.6
15.6
-66.9
-72.5
42.0
76.8
0.8
-5.0
10.7
15.7
-50.5
-61.2
41.0
74.1
2.6
0.0
15.8
15.8
-24.1
-39.8
35.4
69.5
8.8
5.0
21.1
16.1
4.1
-17.0
27.7
70.5
29.4
10.0
24.1
14.1
17.5
-6.7
21.3
80.4
51.6
15.0
25.0
10.0
19.8
-5.2
21.0
90.0
52.2
Specifications and information are subject to change without notice.
2003-11
Sumitomo Electric Industries, Ltd. 1,Taya-cho, Sakae-ku, Yokohama, 244-8588 Japan
Phone: +81-45-853-7263 Fax: +81-45-853-1291
e-mail : GaAsIC-ml@ml.sei.co.jp
-4-
Web Site: www.sei.co.jp/GaAsIC/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com