Electronic Components Datasheet Search
  English  ▼

X  

AT86RF401 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT86RF401
Description  Smart RF Wireless Data Microtransmitter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF401 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT86RF401 Datasheet HTML 1Page - ATMEL Corporation AT86RF401 Datasheet HTML 2Page - ATMEL Corporation AT86RF401 Datasheet HTML 3Page - ATMEL Corporation AT86RF401 Datasheet HTML 4Page - ATMEL Corporation AT86RF401 Datasheet HTML 5Page - ATMEL Corporation AT86RF401 Datasheet HTML 6Page - ATMEL Corporation AT86RF401 Datasheet HTML 7Page - ATMEL Corporation AT86RF401 Datasheet HTML 8Page - ATMEL Corporation AT86RF401 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
3
AT86RF401
1424F–RKE–12/03
Figure 3. Sample Circuit
Table 1. Recommended Parts List
Part Number
Value
(Common)
Value
(315 MHz)
Value
(433.92 MHz)
Value
(Ext. Loop Filter)
Specification
B1
3.6V
CR2032, Li Battery
C1
0.01
µF
0603, X7R, ± 10%
C2
100 pF
0603, COG, ± 5%
C3
Antenna Dependent
Antenna Dependent
Antenna Dependent
0603, COG, ± 0.1 pF
C4
Not req’d
Not req’d
Frequency Dependent
0603, COG, ± 5%
C5
Not req’d
Not req’d
Frequency Dependent
0603, COG, ± 0.25 pF
L1
82 nH
39 nH
Frequency Dependent
1608, ± 5%
R1
Not req’d
Not req’d
Frequency Dependent
0603, ± 5%
S1
Switch
SPST
S2
Switch
SPST
S3
Switch
SPST
U1
AT86RF401
20-lead TSSOP
Y1
13.125 MHz
18.08 MHz
Frequency Dependent
13.125 MHz:
Crystek
™ P/N 016757
18.080 MHz:
Crystek P/N 016758
ANTB
LOOPFIL
L1
L2
RESETB
NC
IO0/SDI
IO1/SDO
IO2/SCLK
XTAL/CLK
ANT
NC
AVDD
DVDD
AGND
DGND
IO5
IO4
IO3
XTALB
S1
S2
S
3
Y1
RESET
SDO
SDI
SCLK
U1
V+
C3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
R1
C4
C5
V+
C2
C1
B1
SPI Programming Interface
L1
EXTERNAL LOOP FILTER (OPTIONAL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com