Electronic Components Datasheet Search
  English  ▼

X  

AT86RF401 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT86RF401
Description  Smart RF Wireless Data Microtransmitter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF401 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT86RF401 Datasheet HTML 35Page - ATMEL Corporation AT86RF401 Datasheet HTML 36Page - ATMEL Corporation AT86RF401 Datasheet HTML 37Page - ATMEL Corporation AT86RF401 Datasheet HTML 38Page - ATMEL Corporation AT86RF401 Datasheet HTML 39Page - ATMEL Corporation AT86RF401 Datasheet HTML 40Page - ATMEL Corporation AT86RF401 Datasheet HTML 41Page - ATMEL Corporation AT86RF401 Datasheet HTML 42Page - ATMEL Corporation AT86RF401 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39
AT86RF401
1424F–RKE–12/03
When the WDE is set (“1”), the Watchdog Timer is enabled, and if the WDE is cleared
(“0”), the Watchdog Timer function is disabled. WDE can only be cleared if the WDTOE
bit is set (“1”). To disable an enabled Watchdog Timer, the following procedure must be
followed: In the same operation, write a logical “1” to WDTOE and WDE. A logical “1”
must be written to WDE even though it is set to “1” before the disable operation starts.
Within the next four clock cycles, write a logical “0” to WDE. This disables the watchdog.
• Bits[2:0]: WDP2, WDP1, WDP0, Watchdog Timer Prescaler 2, 1 and 0
The WDP2, WDP1 and WDP0 bits determine the Watchdog Timer prescaling when the
Watchdog Timer is enabled. The different prescaling values and their corresponding
time-out periods are shown in Table 18.
Note:
Example:
If the crystal period is 50 ns and the system clock divider is set to 32 (Bits[7:5] in the
PWR_CTL register are set to 010) and the WDT prescaler is set to 32K, then:
Watchdog Timeout = 50 ns
× 32 × 32768 = 52 ms
I/O Enable Register – IO_ENAB
• Bit[7]
Reserved.
• Bit[6]
If set to “1”, additional hysteresis is added to the battery low and brown-out logic. See
BL_CONFIG register description and Table 21 on page 43 for more details.
Table 18. Watchdog Timer Prescale Select
WDP2
WDP1
WDP0
Number of System Clock Cycles
0
0
0
2,048 cycles
0
0
1
4,096 cycles
0
1
0
8,192 cycles
0
1
1
16,384 cycles
1
0
0
32,768 cycles
1
0
1
65,536 cycles
1
1
0
131,072 cycles
1
1
1
262,144 cycles
T
wdt
XTALB
period
ACS
div
WDT
div
×
×
=
Bit
7
6
5
4
3
2
1
0
$30
–
BOHYST
IOE5
IOE4
IOE3
IOE2
IOE1
IOE0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com