Electronic Components Datasheet Search
  English  ▼

X  

AT86RF401 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT86RF401
Description  Smart RF Wireless Data Microtransmitter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF401 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT86RF401 Datasheet HTML 1Page - ATMEL Corporation AT86RF401 Datasheet HTML 2Page - ATMEL Corporation AT86RF401 Datasheet HTML 3Page - ATMEL Corporation AT86RF401 Datasheet HTML 4Page - ATMEL Corporation AT86RF401 Datasheet HTML 5Page - ATMEL Corporation AT86RF401 Datasheet HTML 6Page - ATMEL Corporation AT86RF401 Datasheet HTML 7Page - ATMEL Corporation AT86RF401 Datasheet HTML 8Page - ATMEL Corporation AT86RF401 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
5
AT86RF401
1424F–RKE–12/03
RESETB
5
SPI Reset Input: A “low” on this pin resets the device and puts
the part into SPI mode. A logic-high on this pin causes the
device to execute its program if the VDD is above the brown-
out voltage level.
NC
6
No Connect. Float Pin.
I/O0 (SDI)
7
SPI Data In/Input/Output 0: General-purpose I/O and button
input. In SPI mode, this pin serves as SDI (Serial Data Input).
I/O1 (SDO)
8
SPI Data Out/Input/Output 1: General-purpose I/O and button
input. In SPI mode, this pin serves as SDO (Serial Data
Output).
I/O2 (SCK)
9
SPI Clock/Input/Output 2: General-purpose I/O and button
input. In SPI mode, this pin serves as SCK (SPI Clock Input).
XTAL/CLK
10
Crystal/Clock Input: Input to the inverting oscillator amplifier
and input to the internal clock operating circuit. This pin may
be driven externally for test purposes.
Table 2. Pin Descriptions – 20-lead TSSOP (Continued)
V
DD
35 k
Ω
5
To AVR
V
DD
V
DD
Data
nable
−
Data
Enable
7
35 k
Ω
To AVR
V
DD
V
DD
Data
Enable
−
Data
Enable
8
35 k
Ω
To AVR
V
DD
V
DD
Data
Enable
−
Data
Enable
9
35 k
Ω
To AVR
40 pF
40 pF
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com