Electronic Components Datasheet Search
  English  ▼

X  

AT86RF401 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT86RF401
Description  Smart RF Wireless Data Microtransmitter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT86RF401 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT86RF401 Datasheet HTML 30Page - ATMEL Corporation AT86RF401 Datasheet HTML 31Page - ATMEL Corporation AT86RF401 Datasheet HTML 32Page - ATMEL Corporation AT86RF401 Datasheet HTML 33Page - ATMEL Corporation AT86RF401 Datasheet HTML 34Page - ATMEL Corporation AT86RF401 Datasheet HTML 35Page - ATMEL Corporation AT86RF401 Datasheet HTML 36Page - ATMEL Corporation AT86RF401 Datasheet HTML 37Page - ATMEL Corporation AT86RF401 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
34
AT86RF401
1424F–RKE–12/03
• Bit[5:3]: ULC[2:0]
The unlock count (ULC) bits count a certain number of reference clocks, after which the
unlock detect circuit looks for a number of cycle slips determined by CS[1:0] before
making the loc detect signal go low. The ULC bits essentially control the blackout period
of the unlock detect circuit. The unlock counter is reset by the KEY signal rising (if
ENKO is asserted), or by the LOC rising edge, or by the UPOK signal being set high.
Table 14. PLL Unlock Counter Definition
• Bits[2:0]: LC[2:0]
The Lock Count (LC) bits control a counter that, after a number of reference clocks,
cause lock detect to go high. This counter will reset if a cycle slip or a reset signal occurs
(which happens if TXE goes low), if an out-of-lock condition occurs, if the crystal oscilla-
tor frequency is too low, or if the VCO feedback frequency is too low.
Table 15. PLL Lock Counter Definition
ULC[2:0]
Number of REF
Clocks of Delay
000
8
001
16
010
32
011
64
100
128
101
256
110
512
111
1024
LC[2:0]
Number of REF Clocks of Delay
000
8
001
16
010
32
011
64
100
128
101
256
110
512
111
1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com