Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5034 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM5034 Datasheet HTML 16Page - National Semiconductor (TI) LM5034 Datasheet HTML 17Page - National Semiconductor (TI) LM5034 Datasheet HTML 18Page - National Semiconductor (TI) LM5034 Datasheet HTML 19Page - National Semiconductor (TI) LM5034 Datasheet HTML 20Page - National Semiconductor (TI) LM5034 Datasheet HTML 21Page - National Semiconductor (TI) LM5034 Datasheet HTML 22Page - National Semiconductor (TI) LM5034 Datasheet HTML 23Page - National Semiconductor (TI) LM5034 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Applications Information
VIN
The voltage applied to the VIN pin, normally the same as the
system voltage applied to the power transformer’s primary
(V
PWR), can vary in the range of 13 to 100V with transient
capability to 105V. The current into VIN depends primarily on
the output driver capacitive loads, the switching frequency,
and any external loads on the VCC pins. If the power dissi-
pation associated with the VIN current exceeds the package
capability, an external voltage should be applied to the VCC
pins (see Figure 4 & Figure 5) to reduce power in the internal
start-up regulator. It is recommended the circuit of Figure 24
be used to suppress transients which may occur at the input
supply, in particular where VIN is operated close to the
maximum operating rating of the LM5034.
When all internal bias currents for the LM5034 and output
driver currents are supplied through VIN and the internal V
CC
regulator, the required input current (I
IN) is shown in Figure 4
& Figure 5. In most applications, upon turn-on, I
IN increases
with V
IN as shown in Figure 4 until the UVLO threshold is
reached. After the outputs are enabled and the external VCC
supply voltage is active, the current into VIN then drops to a
nominal 120 µA.
FOR APPLICATIONS >100V
For applications where the system input voltage (V
PWR)
exceeds 100V, VIN can be powered from an external
start-up regulator as shown in Figure 25, or from any other
low voltage source as shown in Figure 26. Connecting VIN
and the VCC together allows the LM5034 to be operated
with VIN below 13V. The voltage at the VCC pins must not
exceed 15V. The voltage source at the right side of Figure 25
is typically derived from the power stage, and becomes
active once the LM5034’s outputs are active.
UVLO
The under-voltage lockout threshold (UVLO) is internally set
at 1.25V at the UVLO pin. With two external resistors as
shown in Figure 27, the LM5034 is enabled when V
PWR
exceeds the programmed threshold voltage. When V
PWR is
above the threshold, the internal 20 µA current source is
enabled to raise the voltage at the UVLO pin, providing
hysteresis. R1 and R2 are determined from the following
equations:
R1=V
HYS/20 µA
where V
HYS is the desired UVLO hysteresis at VPWR, and
V
PWR in the second equation is the turn-on voltage. For
example, if the LM5034 is to be enabled when V
PWR reaches
20V, and disabled when V
PWR is decreased to 17V, R1
calculates to 150 k
Ω, and R2 calculates to 10 kΩ. The
voltage at UVLO should not exceed 6V at any time.
The LM5034 can be remotely shutdown by taking the UVLO
pin below 1.25V with an external open collector or open
drain device, as shown in Figure 28. The outputs, and the
V
CC regulator, are disabled, and the LM5034 enters a low
power mode. To shut down one regulator without affecting
the other, see the Soft-start section.
20136827
FIGURE 24. Input Transient Production
20136847
FIGURE 25. Start-up Regulator for V
PWR >100V
20136848
FIGURE 26. Bypassing the Internal Start-up Regulator
20136828
FIGURE 27. UVLO Circuit
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com