Electronic Components Datasheet Search
  English  ▼

X  

LM5034 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5034
Description  High Voltage Dual Interleaved Current Mode Controller with Active Clamp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5034 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button LM5034 Datasheet HTML 21Page - National Semiconductor (TI) LM5034 Datasheet HTML 22Page - National Semiconductor (TI) LM5034 Datasheet HTML 23Page - National Semiconductor (TI) LM5034 Datasheet HTML 24Page - National Semiconductor (TI) LM5034 Datasheet HTML 25Page - National Semiconductor (TI) LM5034 Datasheet HTML 26Page - National Semiconductor (TI) LM5034 Datasheet HTML 27Page - National Semiconductor (TI) LM5034 Datasheet HTML 28Page - National Semiconductor (TI) LM5034 Datasheet HTML 29Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Evaluation Board Schematic (Continued)
Bill of Materials (Circuit of Figure 38) (Continued)
Item
Description
Package
Value
T1, 2
Transformer, Pulse Eng. P8208T
0.33 x 0.28
100:1, 6A
T3, 4
Transformer, Coilcraft B0357-B
0.92 x 0.81
12:2, 30A
U1
PWM dual controller
TSSOP-20
LM5034MTC
U2
Dual Optocoupler
SO8
MOCD207M
U3, 4
Op Amp
SOT23-5
LM8261
U5, 6
Reference
SOT23
LM4040-4.1V
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com