Electronic Components Datasheet Search
  English  ▼

X  

M1034 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # M1034
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1034 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  M1034 Datasheet HTML 1Page - Integrated Circuit Systems M1034 Datasheet HTML 2Page - Integrated Circuit Systems M1034 Datasheet HTML 3Page - Integrated Circuit Systems M1034 Datasheet HTML 4Page - Integrated Circuit Systems M1034 Datasheet HTML 5Page - Integrated Circuit Systems M1034 Datasheet HTML 6Page - Integrated Circuit Systems M1034 Datasheet HTML 7Page - Integrated Circuit Systems M1034 Datasheet HTML 8Page - Integrated Circuit Systems M1034 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M1033/34 Datasheet Rev 1.0
2 of 14
Revised 07Apr2005
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M1033/34
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Prod uct Data Sh eet
PIN DESCRIPTIONS
Number
Name
I/O
Configuration
Description
1, 2, 3, 10, 14, 26
GND
Ground
Power supply ground connections.
4
9
OP_IN
nOP_IN
Input
External loop filter connections.
See Figure 5, External Loop Filter, on pg. 9.
5
8
nOP_OUT
OP_OUT
Output
6
7
nVC
VC
Input
11, 19, 33
VCC
Power
Power supply connection, connect to +3.3V.
12
AUTO
Input
Internal pull-down resistor1
Automatic/manual reselection mode for clock input:
Logic 1 automatic reselection upon clock failure
(non-revertive)
Logic 0 manual selection only (using REF_SEL)
13
REF_ACK
Output
Reference Acknowledgement pin for input mux state; outputs
the currently selected reference input pair:
Logic 1 indicates nDIF_REF1, DIF_REF1
Logic 0 indicates nDIF_REF0, DIF_REF0
15
16
FOUT
nFOUT
Output
No internal terminator
Clock output pair. Differential LVPECL (CML, LVDS available).
17
18
P_SEL1
P_SEL0
Internal pull-down resistor1
Note 1: For typical values of internal pull-down and pull-UP resistors, see DC Characteristics on pg. 11.
Post-PLL, P divider selection. LVCMOS/LVTTL. See Table 5, P
Divider Look-Up Table (LUT), on pg. 4.
20
nDIF_REF1
Input
Biased to Vcc/2 2
Note 2: Biased to Vcc/2, with 50k
Ω to Vcc and 50kΩ to ground. See Differential Inputs Biased to VCC/2 on pg. 11.
Note 3: See LVCMOS Output in DC Characteristics on pg. 11.
Reference clock input pair 1. Differential LVPECL or LVDS.
Resistor bias on inverting terminal supports TTL or LVCMOS.
21
DIF_REF1
Internal pull-down resistor1
22
REF_SEL
Input
Internal pull-down resistor1
Reference clock input selection. LVCMOS/LVTTL:
Logic 1 selects DIF_REF1, nDIF_REF1.
Logic 0 selects DIF_REF0, nDIF_REF0.
23
nDIF_REF0
Input
Biased to Vcc/2 2
Reference clock input pair 0. Differential LVPECL or LVDS.
Resistor bias on inverting terminal supports TTL or LVCMOS.
24
DIF_REF0
Internal pull-down resistor 1
25
NC
No internal connection
27
28
29
30
MR_SEL3
MR_SEL2
MR_SEL0
MR_SEL1
Input
Internal pull-down resistor1
M and R divider value selection. LVCMOS/ LVTTL.
See Tables 3 and 4, M and R Divider Look-Up Tables (LUT)
on pg. 3.
31
LOR
Output
Loss of Reference indicator. Asserted when there are no clock
edges at the selected input port for 3 clock edges of the PLL
phase detector. 3
Logic 1 indicates loss of reference.
Logic 0 indicates active reference.
32
NBW
Input
Internal pull-UP resistor1
Narrow Bandwidth enable. LVCMOS/LVTTL:
Logic 1 - Narrow loop bandwidth, R
IN = 2100k
Ω.
Logic 0 - Wide bandwidth, R
IN = 100k
Ω.
34, 35, 36
DNC
Do Not Connect.
Table 2: Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com