Electronic Components Datasheet Search
  English  ▼

X  

M1034 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M1034
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1034 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M1034 Datasheet HTML 1Page - Integrated Circuit Systems M1034 Datasheet HTML 2Page - Integrated Circuit Systems M1034 Datasheet HTML 3Page - Integrated Circuit Systems M1034 Datasheet HTML 4Page - Integrated Circuit Systems M1034 Datasheet HTML 5Page - Integrated Circuit Systems M1034 Datasheet HTML 6Page - Integrated Circuit Systems M1034 Datasheet HTML 7Page - Integrated Circuit Systems M1034 Datasheet HTML 8Page - Integrated Circuit Systems M1034 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M1033/34 Datasheet Rev 1.0
4 of 14
Revised 07Apr2005
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M1033/34
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Prod uct Data Sh eet
General Guidelines for M and R Divider Selection
General guidelines for M/R divider selection (see
following pages for more detail):
• A lower phase detector frequency should be used for
loop timing applications to assure PLL tracking,
especially during GR-253 jitter tolerance testing. The
recommended maximum phase detector frequency
for loop timing mode is 19.44MHz.
P Divider Look-Up Table (LUT)
The P_SEL1 and P_SEL0 pins select the post-PLL divider
value P. The output frequency of the SAW can be
divided by 1 or 2 or the output can be TriStated as
specified in Table 5.
FUNCTIONAL DESCRIPTION
The M1033/34 is a PLL (Phase Locked Loop) based
clock generator that generates an output clock synchro-
nized to one of two selectable input reference clocks.
An internal high ‘Q’ SAW delay line provides low jitter
signal performance.
A pin-selected look-up table is used to select the PLL
feedback divider (M Div) and reference divider (R Div)
as shown in Tables 3 and 4 on pg. 3. These look-up
tables provide flexibility in both the overall frequency
multiplication ratio (total PLL ratio) and phase detector
frequency.
The M1033/34 includes a Loss of Reference (LOR)
indicator for the currently selected reference input which
can be used to provides status information to system
management software. A Narrow Bandwidth (NBW)
control pin is provided as an additional mechanism for
adjusting PLL loop bandwidth without affecting the
phase detector frequency.
An automatic input reselection feature, or “AutoSwitch”
is also included in the M1033/34. When the AutoSwitch
mode is enabled, the device will automatically switch to
the other reference clock input when the currently
selected reference clock fails (when LOR goes high).
Reference selection is non-revertive, meaning that only
one reference reselection will be made each time that
AutoSwitch is re-enabled.
In addition to the AutoSwitch feature, a Phase Build-out
option can be ordered with the device.
P_SEL1:0
P Value
M1033-155.5200 or M1034-155.5200
Output Frequency (MHz)
0
0
2
77.76
0
1
1
155.52
1
0
2
77.76
1
1
TriState
N/A
Table 5: P Divider Look-Up Table (LUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com