Electronic Components Datasheet Search
  English  ▼

X  

M1034 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # M1034
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1034 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button M1034 Datasheet HTML 3Page - Integrated Circuit Systems M1034 Datasheet HTML 4Page - Integrated Circuit Systems M1034 Datasheet HTML 5Page - Integrated Circuit Systems M1034 Datasheet HTML 6Page - Integrated Circuit Systems M1034 Datasheet HTML 7Page - Integrated Circuit Systems M1034 Datasheet HTML 8Page - Integrated Circuit Systems M1034 Datasheet HTML 9Page - Integrated Circuit Systems M1034 Datasheet HTML 10Page - Integrated Circuit Systems M1034 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
M1033/34 Datasheet Rev 1.0
7 of 14
Revised 07Apr2005
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M1033/34
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
Using the AutoSwitch Feature
See also Table 6, Example AutoSwitch Sequence.
In application, the system must be powered up with the
device in Manual Select mode (AUTO pin is set low).
The activity monitor output (LOR) should then be polled
to verify that the input clock reference is valid.
REF_SEL should be set to select the desired input
clock reference. This selection determines the
reference clock to be used in Manual Select mode and
the initial reference clock used in AutoSwitch mode.
Sufficient time must be allocated for the PLL to acquire
lock to the selected input reference. In most system
configurations, where loop bandwidth is in the range of
100-1000 Hz and damping factor below 10, a delay of
500 ms should be sufficient. The REF_SEL input state
must be maintained when switching to AutoSwitch
mode (AUTO pin high) and in addition must still be
maintained until a reference fault occurs. If a reference
fault occurs on the selected reference input, the LOR
output goes high and the input reference is
automatically reselected. The REF_ACK output always
indicates the reference selection status and the LOR
output always indicated the selected input reference
clock status. A successful automatic reselection is
indicated by a change of state of the REF_ACK output.
If an automatic reselection is made to a non-active
reference clock input, the REF_ACK output will
change state and both LOR outputs will remain high.
No further automatic reselection is made by the device;
only one reselection is made each time the AutoSwitch
mode is armed by the system. AutoSwitch mode is
re-armed by the system by placing the device into
Manual Select mode (AUTO pin low) and then into
AutoSwitch mode again (AUTO pin high). Following an
automatic reselection and prior to selecting Manual
Select mode (AUTO pin low), the REF_SEL pin has no
control of reference selection. To prevent an
unintentional reference reselection, AutoSwitch mode
must not be re-enabled until the desired state of the
REF_SEL pin is set and the LOR output is low. It is
recommended to delay the re-arming of AutoSwitch
mode, following an automatic reselection, to ensure the
PLL is fully locked on the new reference.
Example AutoSwitch Sequence
0 = Low; 1 = High. Example with REF_SEL initially set to 0 (i.e., DIF_REF0 selected)
REF_SEL Selected
Clock Input
REF_ACK AUTO
LOR
Conditions
Input
Output
Input
Output
Initialization
0
DIF_REF0
0
0
0
Device power-up. Manual Select mode. DIF_REF0 input selected as the working reference.
Both input references should be active.
0
DIF_REF0
0
-1-
0
AUTO set to 1: Device placed in AutoSwitch mode (with DIF_REF0 as working reference
clock).
Operation & Activation
0
DIF_REF0
0
1
0
Normal operation with AutoSwitch mode armed, with DIF_REF0 as the working reference
clock; DIF_REF1 is the protection reference clock. Both input references should be active.
0
DIF_REF0
0
1
-1-
Due to loss of reference at DIF_REF0 input (clock fault), the LOR output asserts high, then
device immediately goes to the following stage below.
0
-DIF_REF1-
-1-
1
-0-
Device initiates an automatic reselection to DIF_REF1 (indicated by REF_ACK pin), and then
the LOR output asserts low, indicating an active reference on DIF_REF1.
Re-initialization
-1-
DIF_REF1
1
1
-0-
When operation of DIF_REF0 is restored, the device can be prepared once again for
AutoSwitch. Preparation begins by setting the REF_SEL pin to 1, which will maintain the
current reference input selection when entering Manual Select mode.
1
DIF_REF1
1
-0-
0
AUTO set to 0: Manual Select mode entered briefly, manually selecting DIF_REF1 as the
working reference.
1
DIF_REF1
1
-1-
0
AUTO set to 1: Device is now placed in AutoSwitch mode, re-initializing AutoSwitch with
DIF_REF1 now specified as the working reference clock.
Table 6: Example AutoSwitch Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com