Electronic Components Datasheet Search
  English  ▼

X  

M1034 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # M1034
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1034 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button M1034 Datasheet HTML 5Page - Integrated Circuit Systems M1034 Datasheet HTML 6Page - Integrated Circuit Systems M1034 Datasheet HTML 7Page - Integrated Circuit Systems M1034 Datasheet HTML 8Page - Integrated Circuit Systems M1034 Datasheet HTML 9Page - Integrated Circuit Systems M1034 Datasheet HTML 10Page - Integrated Circuit Systems M1034 Datasheet HTML 11Page - Integrated Circuit Systems M1034 Datasheet HTML 12Page - Integrated Circuit Systems M1034 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
M1033/34 Datasheet Rev 1.0
9 of 14
Revised 07Apr2005
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M1033/34
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
External Loop Filter
To provide stable PLL operation, the M1033/34 requires
the use of an external loop filter. This is provided via the
provided filter pins (see Figure 5).
Due to the differential signal path design, the
implementation requires two identical complementary
RC filters as shown here.
Figure 5: External Loop Filter
See Table 7, Example External Loop Filter Component
Values, below.
PLL Bandwidth is affected by loop filter component
values, the “M” value, and the “PLL Loop Constants”
listed in AC Characteristics on pg. 12.
The MR_SEL3:0 settings can be used to actively change
PLL loop bandwidth in a given application. See “M and
R Divider Look-Up Tables (LUT)” on pg. 3.
PLL Simulator Tool Available
A free PC software utility is available on the ICS website
(www.icst.com). The M2000 Timing Modules PLL
Simulator is a downloadable application that simulates
PLL jitter and wander transfer characteristics. This
enables the user to set appropriate external loop
component values in a given application.
For guidance on device or loop filter implementa-
tion, contact CMBU (Commercial Business Unit)
Product Applications at (508) 852-5400.
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
6
7
5
49
8
Example External Loop Filter Component Values1
for M1033-yz-155.5200 and M1034-yz-155.5200
VCSO Parameters: KVCO = 200kHz/V, RIN = 100kΩ (pin NBW = 0), VCSO Bandwidth = 700kHz.
Device Configuration
Example External Loop Filter Comp. Values
Nominal Performance Using These Values
F
REF
(MHz)
F
VCSO
(MHz)
MR_SEL3:0
MDiv NBW
R
LOOP
C
LOOP
R
POST
C
POST
PLL Loop
Bandwidth
Damping
Factor
Passband
Peaking (dB)
19.44 2
155.52
0 0 0 0
8
0
6.8
k
Ω
10
µF
82
k
Ω
1000
pF
315
Hz
5.4
0.068
38.88 3
155.52
0 0 0 1
16
0
12
k
Ω
10
µF
82k
Ω
1000
pF
270
Hz
6.7
0.044
77.76 4
155.52
0 1 0 1
8
0
6.8
k
Ω
10
µF
82k
Ω
1000
pF
315
Hz
5.4
0.068
77.76 5
155.52
0 1 1 0
32
0
22
k
Ω
4.7
µF
82k
Ω
1000
pF
250
Hz
6.0
0.05
155.52 4
155.52
1 0 1 0
16
0
12
k
Ω
10
µF
82k
Ω
1000
pF
270
Hz
6.7
0.044
155.52 6
155.52
1 0 1 1
64
0
47
k
Ω
2.2
µF
82k
Ω
1000
pF
266
Hz
6.2
0.05
Table 7: Example External Loop Filter Component Values
Note 1: K
VCO, VCSO Bandwidth, M Divider Value, and External Loop Filter Component Values determine Loop Bandwidth, Damping Factor,
and Passband Peaking. For PLL Simulator software, go to www.icst.com.
Note 2: This row is for the M1033 only.
Note 3: This row is for the M1034 only.
Note 4: Optimal for system clock filtering.
Note 5: Optimal for loop timing mode or where high input jitter tolerance is needed, phase detector frequency is 4.86 MHz.
Note 6: Optimal for loop timing mode or where high input jitter tolerance is needed, phase detector frequency is 2.43 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com