Electronic Components Datasheet Search
  English  ▼

X  

RF2L16180CB4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # RF2L16180CB4
Description  180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L16180CB4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RF2L16180CB4 Datasheet HTML 2Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 3Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 4Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 5Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 6Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 7Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 8Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 9Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Figure 3. Test circuit photo
Table 7. Component list
Component
Value
Size
Reference
C2, C8, C13, C18
Ceramic capacitor, 28 pF
0805
ATC600F
C3, C16
Ceramic capacitor, 3.3 pF
0805
ATC600F
C4, C7, C11, C19
Ceramic capacitor, 5.6 pF
0805
ATC600F
C5
Ceramic capacitor, 0.7 pF
0805
ATC600F
C6, C14, C15, C17
Ceramic capacitor, 2.7 pF
0805
ATC600F
C12
Ceramic capacitor, 1.0 pF
0805
ATC600F
C1, C9, C10, C20
10 μF
1210
100 V ceramic multilayer
capacitor
C21, C22
220 μF
63 V electrolytic capacitor
D1
Spliter
R1
50 Ω
0805
4 W chip resistor
R2, R3
10 Ω
0805
Chip resistor
PCB
0.508 mm [0.020''] thick, ԑr = 3.48, Rogers RO4350B, 1 oz. copper
RF2L16180CB4
Test circuits
DS13287 - Rev 2
page 6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com