Electronic Components Datasheet Search
  English  ▼

X  

RF2L16180CB4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # RF2L16180CB4
Description  180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L16180CB4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RF2L16180CB4 Datasheet HTML 4Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 5Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 6Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 7Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 8Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 9Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 10Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 11Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Revision history
Table 9. Document revision history
Date
Version
Changes
02-Jul-2020
1
First release.
21-Apr-2021
2
Modified marking on cover page.
Modified Table 1. Absolute maximum ratings (TC= 25 °C), Table 2. Thermal
data, Table 3. ESD protection.
Modified Table 4. Static (per side).
Modified Figure 1. Power Gain and drain efficiency vs output power at 1450
MHz (on Doherty test fixture).
Added Section 6 Marking information.
Minor text changes.
RF2L16180CB4
DS13287 - Rev 2
page 10/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com