Electronic Components Datasheet Search
  English  ▼

X  

RF2L16180CB4 Datasheet(PDF) 4 Page - STMicroelectronics

Part # RF2L16180CB4
Description  180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L16180CB4 Datasheet(HTML) 4 Page - STMicroelectronics

  RF2L16180CB4 Datasheet HTML 1Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 2Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 3Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 4Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 5Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 6Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 7Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 8Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3
Typical performance
Table 6. Output power, power gain and drain efficiency vs input power (f = 1450 MHz)
PIN (dBm)
POUT (dBm)
POUT (W)
IDS (A)
GPS (dB)
ηD(%)
24.6
39.8
9.5
1.3
15.2
25.7
25.6
40.8
12.1
1.5
15.2
29.2
26.6
41.9
15.4
1.7
15.3
33.0
27.6
43.0
19.9
1.9
15.4
36.9
28.6
44.1
25.6
2.2
15.5
40.8
29.6
45.2
33.0
2.7
15.6
44.2
30.6
46.3
42.6
3.2
15.7
47.3
31.6
47.3
53.9
3.9
15.7
49.9
32.6
48.3
67.2
4.6
15.7
51.9
33.5
49.2
82.3
5.5
15.6
53.6
34.5
49.9
96.6
6.2
15.3
55.3
35.5
50.7
116.5
7.3
15.2
57.0
36.5
51.3
135.6
8.3
14.8
58.2
37.4
51.9
154.8
9.2
14.5
60.2
38.4
52.4
172.9
10.1
14.0
61.4
39.3
52.8
188.9
10.8
13.4
62.5
40.2
53.0
200.6
11.4
12.9
63.1
41.1
53.3
213.1
12.0
12.2
63.7
Figure 1. Power Gain and drain efficiency vs output power at 1450 MHz (on Doherty test fixture)
Power gain
Efficiency
20
30
40
50
60
70
11
12
13
14
15
16
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
POUT (dbm)
GADG110620201522MT
Note:
VDD = 28 V, IDQMain = 600 mA, pulsed CW, pulse width = 10 μs, duty cycle = 12%
RF2L16180CB4
Typical performance
DS13287 - Rev 2
page 4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com