Electronic Components Datasheet Search
  English  ▼

X  

RF2L16180CB4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RF2L16180CB4
Description  180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RF2L16180CB4 Datasheet(HTML) 1 Page - STMicroelectronics

  RF2L16180CB4 Datasheet HTML 1Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 2Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 3Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 4Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 5Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 6Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 7Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 8Page - STMicroelectronics RF2L16180CB4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
B4E
1
2
3
5
4
Pin connection
Pin
Connection
1
Drain A
2
Drain B
3
Source (bottom side)
4
Gate B
5
Gate A
Features
Order code
f (MHz)
VDD
POUT
Gain
Efficiency
RF2L16180CB4
1450
28 V
180 W
14 dB
60%
•
High efficiency and linear gain operations
•
Integrated ESD protection
•
Internally matched for ease of use
•
Optimized for Doherty applications
•
Large positive and negative gate-source voltage range for improved class C
operation
•
In compliance with the European Directive 2002/95/EC
Applications
•
Multicarrier base station
•
Industrial, scientific and medical
Description
The RF2L16180CB4 is 180 W, 28 V internally matched LDMOS transistor designed
for multicarrier WCDMA/PCS/DCS/LTE base station and ISM applications with
frequencies from 1300 to 1600 MHz. Four leads can be configured as single ended,
180 degree push-pull or 90 degree hybrid or Doherty with proper external matching
network.
Product status link
RF2L16180CB4
Product summary
Order code
RF2L16180CB4
Marking
2L16180
Package
B4E
Packing
Tape and reel 13”
Base/bulk
Quantity
120/120
180 W, 28 V, 1.3 to 1.6 GHz RF power LDMOS transistor
RF2L16180CB4
Datasheet
DS13287 - Rev 2 - April 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RF2L16180CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L16180CF2 STMICROELECTRONICS-RF2L16180CF2 Datasheet
498Kb / 13P
180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
14-Apr-2021
More results

Similar Description - RF2L16180CB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF2L15200CB4 STMICROELECTRONICS-RF2L15200CB4 Datasheet
774Kb / 13P
200 W, 28 V, HF to 1.5 GHz RF power LDMOS transistor
15-Apr-2021
RF2L16080CF2 STMICROELECTRONICS-RF2L16080CF2 Datasheet
1Mb / 12P
80 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
20-Apr-2021
RF2L16180CF2 STMICROELECTRONICS-RF2L16180CF2 Datasheet
498Kb / 13P
180 W, 28 V, 1.3 to 1.7 GHz RF power LDMOS transistor
14-Apr-2021
RF2L24280CB4 STMICROELECTRONICS-RF2L24280CB4 Datasheet
1Mb / 11P
280 W, 28 V, 2.4 to 2.5 GHz RF power LDMOS transistor
21-Sep-2021
RF2L27025CG2 STMICROELECTRONICS-RF2L27025CG2 Datasheet
1Mb / 13P
25 W, 28 V, 0.7 to 2.7 GHz RF power LDMOS transistor
19-Apr-2021
RF2L36040CF2 STMICROELECTRONICS-RF2L36040CF2 Datasheet
503Kb / 13P
40 W, 28 V, 2.7 to 3.6 GHz RF power LDMOS transistor
22-Apr-2021
RF2L42008CG2 STMICROELECTRONICS-RF2L42008CG2 Datasheet
1Mb / 12P
8 W, 28 V, 0.7 to 4.2 GHz RF power LDMOS transistor
27-Sep-2021
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST16045 STMICROELECTRONICS-ST16045 Datasheet
23Mb / 13P
45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
18-Mar-2021
ST24180 STMICROELECTRONICS-ST24180 Datasheet
613Kb / 11P
180 W, 32 V, 2.3 to 2.5 GHz RF power LDMOS transistor
16-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com