Electronic Components Datasheet Search
  English  ▼

X  

STAC4932F1MR Datasheet(PDF) 5 Page - STMicroelectronics

Part # STAC4932F1MR
Description  350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F1MR Datasheet(HTML) 5 Page - STMicroelectronics

  STAC4932F1MR Datasheet HTML 1Page - STMicroelectronics STAC4932F1MR Datasheet HTML 2Page - STMicroelectronics STAC4932F1MR Datasheet HTML 3Page - STMicroelectronics STAC4932F1MR Datasheet HTML 4Page - STMicroelectronics STAC4932F1MR Datasheet HTML 5Page - STMicroelectronics STAC4932F1MR Datasheet HTML 6Page - STMicroelectronics STAC4932F1MR Datasheet HTML 7Page - STMicroelectronics STAC4932F1MR Datasheet HTML 8Page - STMicroelectronics STAC4932F1MR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3
SOA and Thermal data
Figure 1. Safe operating area
AM01107v1
0
1
10
100
1
10
100
1000
Drain supply voltage - Vdd (V)
1ms
10ms
DC
Operation
limited
by
Rds(on)
Tcase = +25 °C / Tj = +200°C
Single Pulse
Figure 2. Transient thermal impedance
Single - Repetitive pulse
0.00
0.05
0.10
0.15
0.20
0.25
0.30
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
Rectangular power pulse width (s)
single pulse
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
AM06094v1
STAC4932F1MR
SOA and thermal data
DS9904 - Rev 2
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com