Electronic Components Datasheet Search
  English  ▼

X  

STAC4932F1MR Datasheet(PDF) 8 Page - STMicroelectronics

Part # STAC4932F1MR
Description  350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F1MR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STAC4932F1MR Datasheet HTML 4Page - STMicroelectronics STAC4932F1MR Datasheet HTML 5Page - STMicroelectronics STAC4932F1MR Datasheet HTML 6Page - STMicroelectronics STAC4932F1MR Datasheet HTML 7Page - STMicroelectronics STAC4932F1MR Datasheet HTML 8Page - STMicroelectronics STAC4932F1MR Datasheet HTML 9Page - STMicroelectronics STAC4932F1MR Datasheet HTML 10Page - STMicroelectronics STAC4932F1MR Datasheet HTML 11Page - STMicroelectronics STAC4932F1MR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
5
Recommended heat profile and reflow soldering
Figure 4. Reflow profile chart
Time
Critical Zone
Ramp-down
t 25°C to Peak
TL
TL to Tp
tp
Ramp-up
Tsmax
Tsmin
Tp
TL
25
ts
Preheat
IPC-020c-5-1
Note:
tp = 20-40 s, ramp-up = 3 °C/s max., tL = 60-150 s, ramp-down = 6 °C/s max., TL = 217 °C, TS max. = 200 °C,
TS min. = 150 °C, ts = 60 - 180 s, from Tj = 25 °C to peak = 8 minutes max., tp = see Table 7.
Table 7. Pb-free process - package classification reflow temperatures (1)
Package thickness
Volume mm3 < 350
Volume mm3 350-2000
Volume mm3 > 2000
< 1.6 mm
260 + 0 °C
260 + 0 °C
260 + 0 °C
1.6 mm - 2.5 mm
250 + 0 °C
245 + 0 °C
≥ 2.5 mm
250 + 0 °C
240 + 0 °C
1. Tolerance: the device manufacturer/supplier shall assure process compatibility up to and including the stated classification
temperature (this means peak reflow temperature + 0 °C. For example 260 °C + 0 °C) at the rated MSL level.
Note:
The profiling tolerance is + 0 °C, -X °C (based on machine variation capability) whatever is required to control
the profile process but at no time will it exceed - 5 °C. The producer assures process compatibility at the peak
reflow profile temperatures.
Note:
Package volume excludes external terminals (balls, bumps, lands, leads) and/or nonintegral heat sinks.
Note:
The maximum component temperature reached during reflow depends on package thickness and volume. The
use of convection reflow processes reduces the thermal gradients between packages. However, thermal
gradients due to differences in thermal mass of SMD packages may still exist.
STAC4932F1MR
Recommended heat profile and reflow soldering
DS9904 - Rev 2
page 8/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com