Electronic Components Datasheet Search
  English  ▼

X  

STAC4932F1MR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAC4932F1MR
Description  350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F1MR Datasheet(HTML) 1 Page - STMicroelectronics

  STAC4932F1MR Datasheet HTML 1Page - STMicroelectronics STAC4932F1MR Datasheet HTML 2Page - STMicroelectronics STAC4932F1MR Datasheet HTML 3Page - STMicroelectronics STAC4932F1MR Datasheet HTML 4Page - STMicroelectronics STAC4932F1MR Datasheet HTML 5Page - STMicroelectronics STAC4932F1MR Datasheet HTML 6Page - STMicroelectronics STAC4932F1MR Datasheet HTML 7Page - STMicroelectronics STAC4932F1MR Datasheet HTML 8Page - STMicroelectronics STAC4932F1MR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
STAC780-4F
1
1
2
3
3
Pin connection
Pin
Connection
1
Drain
2
Source (bottom side)
3
Gate
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
STAC4932F1MR
123 MHz
50 V
450 W
24 dB
60 %
•
Improved ruggedness V(BR)DSS > 200 V
•
Load mismatch 65:1 all phases @ 350 W - 50 V - 123 MHz
•
POUT = 450 W typ. with 24 dB gain at 123 MHz
•
In compliance with the 2002/95/EC European directive
•
Moisture resistant package specifically designed to operate in extreme
environments
•
Drying recommendation before soldering:
–
48 hrs at 125 °C
•
Back finishing:
–
Sn96.5/Ag3/Cu0.5 solder
–
Base flatness < 0.2 mm
–
Gold content < 0.1%
–
Minimum solder thickness > 2 μm
Description
The STAC4932F1MR is an N-channel MOS fieldeffect RF power transistor. It is
intended for use in 50 V / 80 V ISM applications up to 250 MHz.
The STAC4932F1MR benefits from the latest generation of environmentally designed
packaging, ruggedized against cyclic high moisture operation and severe storage
conditions.
This device contains Beryllium oxide (BeO), which is hazardous if inhaled or
ingested.
Product status link
STAC4932F1MR
Product summary
Order code
STAC4932F1MR
Marking
STAC4932F1MR
Package
STAC780-4F
Packing
Box
Base / Bulk qty
20 / 80
350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
STAC4932F1MR
Datasheet
DS9904 - Rev 2 - April 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STAC4932F1MR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
Excellent thermal stability
02-Sep-2010
More results

Similar Description - STAC4932F1MR

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
29348 RHOPOINT-29348 Datasheet
101Kb / 1P
Micro-capsule moisture resistant platinum
logo
Silonex Inc.
NSL-32SR3 SILONEX-NSL-32SR3 Datasheet
38Kb / 1P
Compact, moisture resistant package
logo
Vishay Siliconix
RCWPMR VISHAY-RCWPMR Datasheet
97Kb / 4P
Thick Film Chip Resistors, Industrial, Moisture Resistant
21-Feb-14
logo
API Delevan
NSL-37-004 API-NSL-37-004 Datasheet
109Kb / 1P
Compact, moisture resistant package
NSL-37-034 API-NSL-37-034 Datasheet
109Kb / 1P
Compact, moisture resistant package
logo
STMicroelectronics
SD4933MR STMICROELECTRONICS-SD4933MR Datasheet
667Kb / 20P
50 V moisture resistant DMOS transistor for ISM applications
22-May-2013
STAC9200 STMICROELECTRONICS-STAC9200 Datasheet
449Kb / 14P
200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
22-Apr-2014
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
Moisture resistant
logo
3M Electronics
314 3M-314 Datasheet
62Kb / 2P
Self-Stripping Moisture Resistant
logo
Stackpole Electronics, ...
HDM SEI-HDM Datasheet
411Kb / 6P
Moisture Resistant Carbon Film Resistor
10/22/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com