Electronic Components Datasheet Search
  English  ▼

X  

STAC4932F1MR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STAC4932F1MR
Description  350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F1MR Datasheet(HTML) 4 Page - STMicroelectronics

  STAC4932F1MR Datasheet HTML 1Page - STMicroelectronics STAC4932F1MR Datasheet HTML 2Page - STMicroelectronics STAC4932F1MR Datasheet HTML 3Page - STMicroelectronics STAC4932F1MR Datasheet HTML 4Page - STMicroelectronics STAC4932F1MR Datasheet HTML 5Page - STMicroelectronics STAC4932F1MR Datasheet HTML 6Page - STMicroelectronics STAC4932F1MR Datasheet HTML 7Page - STMicroelectronics STAC4932F1MR Datasheet HTML 8Page - STMicroelectronics STAC4932F1MR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Table 6. GFS sorts
Marking
Minimum
Maximum
A
3.0
3.6
B
3.6
4.2
C
4.2
4.8
D
4.8
5.4
E
5.4
6.0
F
6.0
6.6
G
6.6
7.2
H
7.2
7.8
I
7.8
8.4
J
8.4
9.0
STAC4932F1MR
Dynamic
DS9904 - Rev 2
page 4/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com