Electronic Components Datasheet Search
  English  ▼

X  

YFF31PC Datasheet(PDF) 2 Page - TDK Electronics

Part # YFF31PC
Description  3-terminal Filters For Power Line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

YFF31PC Datasheet(HTML) 2 Page - TDK Electronics

  YFF31PC Datasheet HTML 1Page - TDK Electronics YFF31PC Datasheet HTML 2Page - TDK Electronics YFF31PC Datasheet HTML 3Page - TDK Electronics YFF31PC Datasheet HTML 4Page - TDK Electronics YFF31PC Datasheet HTML 5Page - TDK Electronics YFF31PC Datasheet HTML 6Page - TDK Electronics YFF31PC Datasheet HTML 7Page - TDK Electronics YFF31PC Datasheet HTML 8Page - TDK Electronics YFF31PC Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
001-01 / 20130701 / emc_esr_yff-p_en.fm
All specifications are subject to change without notice.
(1/9)
3-terminal Filters
For Power Line
FEATURES
Small and high-performance EMC components.
Good attenuation characteristic in a wide band range.
For large current (2A to 4A) applications
APPLICATIONS
For the power line of communication terminal devices, such as a smart phone, and AV and information devices.
PART NUMBER IDENTIFICATION
PACKAGING STYLE AND SPECIFICATIONS
Overview of YFF-P Series
YFF
15
PC
0G
105
M
T
0
N
Series
name
L×W
dimensions
Product
internal
code
Rated
voltage
Capacitance
Tolerance
Taping
TDK
internal
code
Reel size
Internal
electrode
Ni
Code
mm
Code
V
Code
pF
Code
mm
15
1.0×0.5
PC
STD
0G
4
105
1,000.000
(1.0µF)
M
±20
%
0ø178
18
1.6×0.8
PH
Thickness:
0.8mm
0J
6.3
9
ø330
21
2.0×1.2
1A
10
31
3.2×1.6
PW
Low ESL
1C
16
1E
25
1H
50
Type
Package quantity (piece/reel)
Single weight (g)
ø178
ø330
YFF15PC
10,000
50,000
0.0008
YFF18PC
4,000
10,000
0.0038
YFF18PH
4,000
10,000
0.0051
YFF18PW
4,000
10,000
0.0038
YFF21PC
4,000
10,000
0.0095
YFF31PC
2,000
8,000
0.0342
Conformity to RoHS Directive
Lead-free Compatible
Please contact our Sales office when your application is considered the following:
The device’s failure or malfunction may directly endanger human life (e.g. application for automobile/aircraft/medical/nuclear power devices, etc.)
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com