Electronic Components Datasheet Search
  English  ▼

X  

YFF31PC Datasheet(PDF) 5 Page - TDK Electronics

Part # YFF31PC
Description  3-terminal Filters For Power Line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

YFF31PC Datasheet(HTML) 5 Page - TDK Electronics

  YFF31PC Datasheet HTML 1Page - TDK Electronics YFF31PC Datasheet HTML 2Page - TDK Electronics YFF31PC Datasheet HTML 3Page - TDK Electronics YFF31PC Datasheet HTML 4Page - TDK Electronics YFF31PC Datasheet HTML 5Page - TDK Electronics YFF31PC Datasheet HTML 6Page - TDK Electronics YFF31PC Datasheet HTML 7Page - TDK Electronics YFF31PC Datasheet HTML 8Page - TDK Electronics YFF31PC Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
001-01 / 20130701 / emc_esr_yff-p_en.fm
All specifications are subject to change without notice.
(4/9)
SHAPES AND DIMENSIONS
RECOMMENDED LAND PATTERN
* Make sure to connect the GND terminal of this product and the GND of the mounting circuit board by using through holes so that the distance between
them is the shortest.
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
: Please specify reel size code, 0 (ø178) or 9 (ø330)
ELECTRICAL CHARACTERISTICS GRAPH
INSERTION LOSS vs. FREQUENCY CHARACTERISTICS
RATED CURRENT vs. TEMPERATURE CHARACTERISTICS
(DERATING)
YFF-P Series YFF18PC Type(Feed Through Filter)
Part No.
Capacitance
(µF)
Tolerance
(%)
Rated voltage
Edc
(V)
Rated current
Idc
(A)
Operating
temperature range
(°C)
Storage temperature
range(After mount)
(°C)
YFF18PC0J475MT0H
N
4.7
20
6.3
4.0
–55 to +85
–55 to +85
YFF18PC0J105MT0H
N
1.0
20
6.3
4.0
–55 to +105
–55 to +105
YFF18PC0J474MT0H
N
0.47
20
6.3
4.0
–55 to +125
–55 to +125
YFF18PC1C104MT0H
N
0.1
20
16
4.0
–55 to +125
–55 to +125
0.40±0.10
1.60±0.10
0.1min.
2
GND
GND
4
1
IN/OUT
3
OUT/IN
1.00
0.60
0.40
Land pattern+Solder resist
Land pattern
Dimensions in mm
0
10
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
10000
Frequency(MHz)
0J474
1C104
0J105
0J475
–55
–35
–15
5
25
45
65
85
105
125
Ambient temperature(˚C)
0
1
2
3
4
5
0J474, 1C104
0J105
0J475



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com