Electronic Components Datasheet Search
  English  ▼

X  

YFF31PC Datasheet(PDF) 3 Page - TDK Electronics

Part # YFF31PC
Description  3-terminal Filters For Power Line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

YFF31PC Datasheet(HTML) 3 Page - TDK Electronics

  YFF31PC Datasheet HTML 1Page - TDK Electronics YFF31PC Datasheet HTML 2Page - TDK Electronics YFF31PC Datasheet HTML 3Page - TDK Electronics YFF31PC Datasheet HTML 4Page - TDK Electronics YFF31PC Datasheet HTML 5Page - TDK Electronics YFF31PC Datasheet HTML 6Page - TDK Electronics YFF31PC Datasheet HTML 7Page - TDK Electronics YFF31PC Datasheet HTML 8Page - TDK Electronics YFF31PC Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
001-01 / 20130701 / emc_esr_yff-p_en.fm
All specifications are subject to change without notice.
(2/9)
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
HAND SOLDERING
PRECAUTIONS FOR USE
Before soldering, be sure to preheat components. The
T pre-
heating temperature must be 150°C max. with attention paid to
thermal shock.
Natural cooling of components in the air is recommended. On
the other hand, when dipping them in a solvent for purposes,
such as cleaning, make sure that the temperature difference
(
T) is 100°C.
When performing hand soldering for circuit modification, apply
the soldering iron to the copper foil area of the printed circuit
board for 3 seconds or less. The temperature of the iron tip
should not exceed 300°C.
Use a wrist band to discharge static electricity in your body
through the grounding wire.
When incorporating the printed circuit board on which this prod-
uct is mounted into a frame, etc., do not apply stress to the prod-
uct through local bending of the board by tightening of screws,
etc.
Overview of YFF-P Series
Preheating
Soldering
Slow cooling
(Natural cooling)
60 seconds or more
0
260˚C max.
10s max.
Preheating
300
Make as short as possilble (within three seconds)
0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com