Electronic Components Datasheet Search
  English  ▼

X  

YFF31PC Datasheet(PDF) 1 Page - TDK Electronics

Part # YFF31PC
Description  3-terminal Filters For Power Line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

YFF31PC Datasheet(HTML) 1 Page - TDK Electronics

  YFF31PC Datasheet HTML 1Page - TDK Electronics YFF31PC Datasheet HTML 2Page - TDK Electronics YFF31PC Datasheet HTML 3Page - TDK Electronics YFF31PC Datasheet HTML 4Page - TDK Electronics YFF31PC Datasheet HTML 5Page - TDK Electronics YFF31PC Datasheet HTML 6Page - TDK Electronics YFF31PC Datasheet HTML 7Page - TDK Electronics YFF31PC Datasheet HTML 8Page - TDK Electronics YFF31PC Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
All specifications are subject to change without notice.
Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
Issue date : July 2013
3-terminal Filters
Type:
YFF15PC
1005 [0402 inch]* Feed through filter
YFF18PC
1608 [0603 inch]* Feed through filter
YFF18PH
1608 [0603 inch]* Feed through filter
YFF18PW
1608 [0603 inch]* Feed through filter
YFF21PC
2012 [0805 inch]* Feed through filter
YFF31PC
3216 [1206 inch]* Feed through filter
* Dimensions Code JIS[EIA]
For Power Line
YFF-P Series


Similar Part No. - YFF31PC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
YFF31PC1C104MT000N TDK-YFF31PC1C104MT000N Datasheet
331Kb / 11P
3-terminal filters Feedthrough filter for power line
YFF31PC1C104MT009N TDK-YFF31PC1C104MT009N Datasheet
331Kb / 11P
3-terminal filters Feedthrough filter for power line
YFF31PC1C105MT000N TDK-YFF31PC1C105MT000N Datasheet
331Kb / 11P
3-terminal filters Feedthrough filter for power line
YFF31PC1C105MT009N TDK-YFF31PC1C105MT009N Datasheet
331Kb / 11P
3-terminal filters Feedthrough filter for power line
YFF31PC1C224MT000N TDK-YFF31PC1C224MT000N Datasheet
331Kb / 11P
3-terminal filters Feedthrough filter for power line
More results

Similar Description - YFF31PC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH32C TDK-ACH32C Datasheet
44Kb / 2P
3-terminal Filters(SMD) For Power Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
3-terminal Filters(SIP) For Signal Line / Power Line
ACH3218-682-TD01 TDK-ACH3218-682-TD01 Datasheet
126Kb / 9P
3-terminal Filters For power line ACH series
ACH32C-100-T001 TDK-ACH32C-100-T001_16 Datasheet
111Kb / 7P
3-terminal Filters For power line
ACH3218-101-TD01 TDK-ACH3218-101-TD01 Datasheet
105Kb / 7P
3-terminal Filters For power line
YFF15PC TDK-YFF15PC Datasheet
331Kb / 11P
3-terminal filters Feedthrough filter for power line
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
3-terminal filters For signal line
YFF31AH TDK-YFF31AH Datasheet
147Kb / 6P
3-terminal filters For automotive large-current power line
YFF31HC TDK-YFF31HC Datasheet
134Kb / 5P
3-terminal filters For large-current power line
ACH4518 TDK-ACH4518 Datasheet
161Kb / 3P
3-terminal filters For power line ACH series
20211217
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com