Electronic Components Datasheet Search
  English  ▼

X  

LIS2DU12 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LIS2DU12
Description  MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DU12 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LIS2DU12 Datasheet HTML 2Page - STMicroelectronics LIS2DU12 Datasheet HTML 3Page - STMicroelectronics LIS2DU12 Datasheet HTML 4Page - STMicroelectronics LIS2DU12 Datasheet HTML 5Page - STMicroelectronics LIS2DU12 Datasheet HTML 6Page - STMicroelectronics LIS2DU12 Datasheet HTML 7Page - STMicroelectronics LIS2DU12 Datasheet HTML 8Page - STMicroelectronics LIS2DU12 Datasheet HTML 9Page - STMicroelectronics LIS2DU12 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2.2
Electrical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
The product is factory calibrated at 1.8 V. The operational power supply range is from 1.62 V to 3.6 V.
Table 3. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ(1)
Max.
Unit
Vdd
Supply voltage
1.62
1.8
3.6
V
Vdd_IO I/O pins supply voltage(2)
1.62
Vdd + 0.1
V
IddNM
Current consumption in normal mode
FS = ±8 g
ODR = 800 Hz,
BW = ODR/2 with anti-alias filter
5.9
µA
IddULP
Current consumption in ultra-low-
power mode
FS = ±8 g
ODR = 1.6 Hz,
BW = ODR/2
0.45
µA
Idd_PD Current consumption in power-down
20
nA
VIH
Digital high-level input voltage
0.7*Vdd_IO
V
VIL
Digital low-level input voltage
0.3*Vdd_IO
V
VOH
Digital high-level output voltage
IOH = 4 mA(3)
Vdd_IO - 0.2 V
VOL
Digital low-level output voltage
IOL = 4 mA(3)
0.2 V
1. Typical specifications are not guaranteed.
2. It is possible to remove Vdd, maintaining Vdd_IO without blocking the communication busses. In this condition the
measurement chain is powered off.
3. 4 mA is the maximum driving capability, ie. the maximum DC current that can be sourced/sunk by the digital pin in order to
guarantee the correct digital output voltage levels VOH and VOL.
2.3
Temperature sensor characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
Top
Operating temperature range
-40
+85
°C
Toff
Temperature offset(2)
-15
+15
°C
TSDr
Temperature sensor output change vs. temperature
0.045(3)
°C/LSB
TODR
Temperature refresh rate
ODR
Hz
1. Typical specifications are not guaranteed.
2. The output of the temperature sensor is 0 LSB (typ.) at 25 °C.
3. 12-bit resolution.
LIS2DU12
Electrical characteristics
DB4522 - Rev 1
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com