Electronic Components Datasheet Search
  English  ▼

X  

LIS2DU12 Datasheet(PDF) 2 Page - STMicroelectronics

Part # LIS2DU12
Description  MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DU12 Datasheet(HTML) 2 Page - STMicroelectronics

  LIS2DU12 Datasheet HTML 1Page - STMicroelectronics LIS2DU12 Datasheet HTML 2Page - STMicroelectronics LIS2DU12 Datasheet HTML 3Page - STMicroelectronics LIS2DU12 Datasheet HTML 4Page - STMicroelectronics LIS2DU12 Datasheet HTML 5Page - STMicroelectronics LIS2DU12 Datasheet HTML 6Page - STMicroelectronics LIS2DU12 Datasheet HTML 7Page - STMicroelectronics LIS2DU12 Datasheet HTML 8Page - STMicroelectronics LIS2DU12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
The LIS2DU12 has a dedicated internal engine to process motion and acceleration
detection including free-fall, wake-up, single/double-tap recognition, activity/inactivity,
and 6D/4D orientation.
The LIS2DU12 is available in a small thin plastic land grid array package (LGA) and it
is guaranteed to operate over an extended temperature range from -40°C to + 85 °C.
LIS2DU12
DB4522 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com