Electronic Components Datasheet Search
  English  ▼

X  

LIS2DU12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS2DU12
Description  MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DU12 Datasheet(HTML) 1 Page - STMicroelectronics

  LIS2DU12 Datasheet HTML 1Page - STMicroelectronics LIS2DU12 Datasheet HTML 2Page - STMicroelectronics LIS2DU12 Datasheet HTML 3Page - STMicroelectronics LIS2DU12 Datasheet HTML 4Page - STMicroelectronics LIS2DU12 Datasheet HTML 5Page - STMicroelectronics LIS2DU12 Datasheet HTML 6Page - STMicroelectronics LIS2DU12 Datasheet HTML 7Page - STMicroelectronics LIS2DU12 Datasheet HTML 8Page - STMicroelectronics LIS2DU12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
•
Supply voltage range from 1.62 to 3.6 V with independent IO supply
•
Ultra-low power consumption
–
Normal mode with anti-alias filter: 5.9 µA
–
Ultra-low-power mode: 0.45 µA
–
One-shot mode: 0.2 µA
–
Power-down: 0.02 µA
•
Low noise down to 160 µg/√Hz
•
±2g/±4g/±8g/±16g full scales
•
ODR from 1.6 Hz to 800 Hz
•
Embedded temperature sensor
•
Embedded FIFO: up to 512 samples of accelerometer and temperature data in
high resolution or up to 768 samples of acceleration data at low resolution
•
High-speed I²C/SPI/MIPI I3CSM digital output interface
•
Embedded digital functions (free-fall, wake-up, single/double-tap recognition,
activity/inactivity, 6D/4D orientation)
•
Self-test
•
Small package: 2.0 x 2.0 x 0.74 (max) mm LGA 12-lead
•
10000 g high shock survivability
•
ECOPACK, RoHS and “Green” compliant
Applications
•
Motion detection for wearables
•
Gesture recognition and gaming
•
Motion-activated functions and user interfaces
•
Display orientation
•
Tap/double-tap recognition
•
Free-fall detection
•
Smart power saving for handheld devices
•
Hearing aids and portable healthcare devices
•
Wireless sensor nodes
•
Motion-enabled metering devices
Description
The LIS2DU12 is an ultra-low-power three-axis linear accelerometer embedding
advanced digital functions.
The LIS2DU12 has user-selectable full scales of ±2g/±4g/±8g/±16g and is capable of
measuring accelerations with output data rates from 1.6 Hz to 800 Hz.
The LIS2DU12 has an integrated 128-level FIFO buffer allowing to store a wide
range of data, reducing system power consumption.
The embedded self-test capability allows the user to check that the sensor works in
the final application.
Product status link
LIS2DU12
Product summary
Order code
LIS2DU12TR
Temp. range [°C]
-40 to +85
Package
LGA-12
Packing
Tape and reel
Product resources
TN0018 (Design and soldering)
MEMS digital output motion sensor: advanced ultra-low-power 3-axis
accelerometer
LIS2DU12
Data brief
DB4522 - Rev 1 - June 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LIS2DU12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS2DUX12 STMICROELECTRONICS-LIS2DUX12 Datasheet
2Mb / 102P
Ultralow-power accelerometer with AI & anti-aliasing
09-Nov-2022
LIS2DUX12TR STMICROELECTRONICS-LIS2DUX12TR Datasheet
2Mb / 102P
Ultralow-power accelerometer with AI & anti-aliasing
09-Nov-2022
LIS2DUXS12 STMICROELECTRONICS-LIS2DUXS12 Datasheet
3Mb / 104P
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
09-Nov-2022
LIS2DUXS12TR STMICROELECTRONICS-LIS2DUXS12TR Datasheet
1,023Kb / 11P
NFC dynamic tag sensor and processing node evaluation board
09-Nov-2022
LIS2DUXS12TR STMICROELECTRONICS-LIS2DUXS12TR Datasheet
3Mb / 104P
Ultralow-power accelerometer with Qvar, AI, & anti-aliasing
09-Nov-2022
More results

Similar Description - LIS2DU12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
H3LIS331DL STMICROELECTRONICS-H3LIS331DL Datasheet
796Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
16-Jul-2013
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
MEMS motion sensor: 3-axis digital output gyroscope
14-Feb-2012
LIS3DSHTR STMICROELECTRONICS-LIS3DSHTR Datasheet
1Mb / 53P
MEMS digital output motion sensor ultra low-power high performance three-axis ?쐍ano??accelerometer
26-Oct-2011
H3LIS200DL STMICROELECTRONICS-H3LIS200DL Datasheet
665Kb / 38P
MEMS motion sensor: low-power high-g 3-axis digital accelerometer
21-Apr-2015
LIS2DE12 STMICROELECTRONICS-LIS2DE12 Datasheet
1Mb / 51P
MEMS digital output motion sensor: ultra-low-power high-performance 3-axis
27-Jan-2017
LIS2DW12 STMICROELECTRONICS-LIS2DW12 Datasheet
1Mb / 66P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis
Jul-2019
IIS2DLPC STMICROELECTRONICS-IIS2DLPC Datasheet
1Mb / 69P
MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
03-May-2019
AIS2DW12 STMICROELECTRONICS-AIS2DW12 Datasheet
1Mb / 60P
MEMS digital output motion sensor: ultra-low-power 3-axis accelerometer for automotive applications
20-Jun-2019
LIS2DW STMICROELECTRONICS-LIS2DW Datasheet
1Mb / 63P
MEMS digital output motion sensor: high-performance, ultra-low-power 3-axis
10-Apr-2020
LIS3DHH STMICROELECTRONICS-LIS3DHH Datasheet
641Kb / 29P
MEMS motion sensor three-axis digital output accelerometer
11-Oct-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com