Electronic Components Datasheet Search
  English  ▼

X  

LIS2DU12 Datasheet(PDF) 4 Page - STMicroelectronics

Part # LIS2DU12
Description  MEMS digital output motion sensor: advanced ultra-low-power 3-axis accelerometer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DU12 Datasheet(HTML) 4 Page - STMicroelectronics

  LIS2DU12 Datasheet HTML 1Page - STMicroelectronics LIS2DU12 Datasheet HTML 2Page - STMicroelectronics LIS2DU12 Datasheet HTML 3Page - STMicroelectronics LIS2DU12 Datasheet HTML 4Page - STMicroelectronics LIS2DU12 Datasheet HTML 5Page - STMicroelectronics LIS2DU12 Datasheet HTML 6Page - STMicroelectronics LIS2DU12 Datasheet HTML 7Page - STMicroelectronics LIS2DU12 Datasheet HTML 8Page - STMicroelectronics LIS2DU12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1.2
Pin description
Figure 2. Pin connections
1
9
8
7
2
3
4
6
5
11
12
10
GND
RES
SCL/SPC
CS
SDO/SA0
SDA/SDI/SDO
(TOPVIEW)
DIRECTION OF THE
DETECTABLE
ACCELERATIONS
Y
1
X
Z
Vdd
(BOTTOM VIEW)
Vdd_IO
Table 1. Pin description
Pin#
Name
Function
1
SCL
SPC
I²C/MIPI I3CSM serial clock (SCL)
SPI serial port clock (SPC)
2(1)
CS
SPI/I²C/MIPI I3CSM mode selection
(1: SPI idle mode / I²C/MIPI I3CSM enabled;
0: SPI enabled / I²C/MIPI I3CSM disabled)
3(1)
SDO
SA0
SPI serial data output (SDO)
I²C less significant bit of the device address (SA0)
4
SDA
SDI
SDO
I²C/MIPI I3CSM serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
5
NC
Internally not connected. Can be tied to Vdd, Vdd_IO, or GND.
6
GND
0 V supply
7
RES
Connect to GND
8
GND
0 V supply
9
Vdd
Power supply
10
Vdd_IO
Power supply for I/O pins
11(2)
INT2
Interrupt pin 2. Clock input when selected in single data conversion on demand.
12(2)
INT1
Interrupt pin 1
1. CS and SDO/SA0 pins are internally pulled up. The pull-up of the CS pin can be disconnected by setting bit 2 of register
IF_PU_CTRL (0Ch) to ‘1’. The pull-up of the SDO pin can be disconnected by setting bit 7 of register IF_PU_CTRL (0Ch) to
‘1’.
2. The INT1 and INT2 pins are internally pulled down. The internal pull-down of the INT1 pin can be disconnected by setting
the PD_DIS_INT1 bit in IF_CTRL (0Eh) to ‘1’. The internal pull-down of the INT2 pin can be disconnected by setting the
PD_DIS_INT2 bit in MD2_CFG (20h) to ‘1’.
LIS2DU12
Pin description
DB4522 - Rev 1
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com