Electronic Components Datasheet Search
  English  ▼

X  

LTF Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # LTF
Description  Thin Film Chip Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LTF Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  LTF Datasheet HTML 1Page - Stackpole Electronics, Inc. LTF Datasheet HTML 2Page - Stackpole Electronics, Inc. LTF Datasheet HTML 3Page - Stackpole Electronics, Inc. LTF Datasheet HTML 4Page - Stackpole Electronics, Inc. LTF Datasheet HTML 5Page - Stackpole Electronics, Inc. LTF Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 09/18/2019
www.seielect.com
This specification may be changed at any time without prior notice
.
2
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LTF Series
Thin Film Chip Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LTF0201
Performance Characteristics (cont.)
Test
Test Specification
Test Condition
MIL-STD-202 Method 301
Apply 100 VA (rms) for 1 minute
JIS-C-5201-1 7.2
85 ± 2ºC, 1000 +48 / -0 hours
JIS-C-5201-1 7.1
-40 ± 3ºC, 1000 +48 / -0 hours
JIS-C-5201-1 7.4
-40 / RT / 85 / RT, 10 cycles
Storage Temperature: 15 ~ 28°C; Humidity < 80%RH
Temperature Cycle
∆ L ≤ 10%
Dielectric Withstand Voltage
> 100V
High Temperature Exposure
∆ L ≤ 10%
Low Temperature Storage
∆ L ≤ 10%
Inductance
Inductance
Quality Factor (MHz)
SRF (GHz)
DCR (Ω)
IDC (mA)
(nH)
Tolerance (nH or %)
min.
min.
max.
max.
LTF0201 _ T0N1
0.1
±0.1, 0.2, 0.3 nH
8 / 500
9
0.2
400
LTF0201 _ T0N2
0.2
±0.1, 0.2, 0.3 nH
8 / 500
9
0.2
400
LTF0201 _ T0N3
0.3
±0.1, 0.2, 0.3 nH
8 / 500
9
0.2
400
LTF0201 _ T0N4
0.4
±0.1, 0.2, 0.3 nH
8 / 500
9
0.25
350
LTF0201 _ T0N5
0.5
±0.1, 0.2, 0.3 nH
8 / 500
9
0.25
350
LTF0201 _ T0N6
0.6
±0.1, 0.2, 0.3 nH
8 / 500
9
0.25
350
LTF0201 _ T0N7
0.7
±0.1, 0.2, 0.3 nH
8 / 500
9
0.3
300
LTF0201 _ T0N8
0.8
±0.1, 0.2, 0.3 nH
8 / 500
9
0.3
300
LTF0201 _ T0N9
0.9
±0.1, 0.2, 0.3 nH
8 / 500
9
0.3
300
LTF0201 _ T1N0
1
±0.1, 0.2, 0.3 nH
8 / 500
9
0.3
300
LTF0201 _ T1N1
1.1
±0.1, 0.2, 0.3 nH
8 / 500
9
0.35
300
LTF0201 _ T1N2
1.2
±0.1, 0.2, 0.3 nH
8 / 500
9
0.35
300
LTF0201 _ T1N3
1.3
±0.1, 0.2, 0.3 nH
8 / 500
9
0.45
250
LTF0201 _ T1N4
1.4
±0.1, 0.2, 0.3 nH
8 / 500
9
0.45
250
LTF0201 _ T1N5
1.5
±0.1, 0.2, 0.3 nH
8 / 500
9
0.45
250
LTF0201 _ T1N6
1.6
±0.1, 0.2, 0.3 nH
8 / 500
9
0.55
200
LTF0201 _ T1N7
1.7
±0.1, 0.2, 0.3 nH
8 / 500
9
0.55
200
LTF0201 _ T1N8
1.8
±0.1, 0.2, 0.3 nH
8 / 500
9
0.55
200
LTF0201 _ T1N9
1.9
±0.1, 0.2, 0.3 nH
8 / 500
9
0.55
200
LTF0201 _ T2N0
2
±0.1, 0.2, 0.3 nH
8 / 500
8
0.7
200
LTF0201 _ T2N1
2.1
±0.1, 0.2, 0.3 nH
8 / 500
8
0.7
200
LTF0201 _ T2N2
2.2
±0.1, 0.2, 0.3 nH
8 / 500
8
0.7
200
LTF0201 _ T2N3
2.3
±0.1, 0.2, 0.3 nH
8 / 500
8
0.8
150
LTF0201 _ T2N4
2.4
±0.1, 0.2, 0.3 nH
8 / 500
8
0.8
150
LTF0201 _ T2N5
2.5
±0.1, 0.2, 0.3 nH
8 / 500
8
0.8
150
LTF0201 _ T2N6
2.6
±0.1, 0.2, 0.3 nH
8 / 500
8
0.8
150
LTF0201 _ T2N7
2.7
±0.1, 0.2, 0.3 nH
8 / 500
8
0.8
150
LTF0201 _ T2N8
2.8
±0.1, 0.2, 0.3 nH
8 / 500
6
1
150
LTF0201 _ T2N9
2.9
±0.1, 0.2, 0.3 nH
8 / 500
6
1
150
LTF0201 _ T3N0
3
±0.1, 0.2, 0.3 nH
8 / 500
6
1
150
LTF0201 _ T3N1
3.1
±0.1, 0.2, 0.3 nH
8 / 500
6
1
150
LTF0201 _ T3N2
3.2
±0.1, 0.2, 0.3 nH
8 / 500
6
1
150
LTF0201 _ T3N3
3.3
±0.1, 0.2, 0.3 nH
8 / 500
6
1
150
LTF0201 _ T3N4
3.4
±0.1, 0.2, 0.3 nH
8 / 500
6
1.2
150
LTF0201 _ T3N5
3.5
±0.1, 0.2, 0.3 nH
8 / 500
6
1.2
150
LTF0201 _ T3N6
3.6
±0.1, 0.2, 0.3 nH
8 / 500
6
1.2
150
LTF0201 _ T3N7
3.7
±0.1, 0.2, 0.3 nH
8 / 500
6
1.2
150
LTF0201 _ T3N8
3.8
±0.1, 0.2, 0.3 nH
8 / 500
6
1.2
150
LTF0201 _ T3N9
3.9
±0.1, 0.2, 0.3 nH
8 / 500
6
1.2
150
LTF0201 _ T4N0
4
±0.1, 0.2, 0.3 nH
8 / 500
6
1.2
150
LTF0201 _ T4N4
4.4
±0.1, 0.2, 0.3 nH
8 / 500
6
1.3
140
LTF0201 _ T4N7
4.7
±0.1, 0.2, 0.3 nH
8 / 500
6
1.4
130
LTF0201 _ T4N9
4.9
±0.1, 0.2, 0.3 nH
8 / 500
6
1.6
130
Part Number



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com