Electronic Components Datasheet Search
  English  ▼

X  

LTF Datasheet(PDF) 6 Page - Stackpole Electronics, Inc.

Part # LTF
Description  Thin Film Chip Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LTF Datasheet(HTML) 6 Page - Stackpole Electronics, Inc.

  LTF Datasheet HTML 1Page - Stackpole Electronics, Inc. LTF Datasheet HTML 2Page - Stackpole Electronics, Inc. LTF Datasheet HTML 3Page - Stackpole Electronics, Inc. LTF Datasheet HTML 4Page - Stackpole Electronics, Inc. LTF Datasheet HTML 5Page - Stackpole Electronics, Inc. LTF Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev Date: 09/18/2019
www.seielect.com
This specification may be changed at any time without prior notice
.
6
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LTF Series
Thin Film Chip Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
L
T
F
0
2
0
1
G
T
1
0
N
Code
Quantity
Code
nH
B
10,000
1N0
1nH
C
10N
10nH
S
20N8
20.8nH
F
G
H
J
0201
T
Tape & Reel
Packaging
Product Series
Description
Sizes
Inductance
Size
Code
LTF
Thin Film
Chip Inductor
All
0402
Tolerance
Tol
±0.1nH
±0.2nH
±5%
±0.3nH
±1%
±2%
±3%
“Conflict Metals” Commitment
We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern
Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry
is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do
not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding
Conflict Minerals.
Compliance to “REACH”
We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and
compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of
Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List.
Environmental Policy
It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive
to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment
and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution.
Legacy Part Number:
How to Order
1
2
3
4
5
6
7
8
9
A
L
0
2
G
T
1
0
N
Size
0201
Code
Quantity
Code
nH
0402
B
10,000
1N0
1nH
C
10N
10nH
S
20N8
20.8nH
F
G
H
J
±1%
±2%
±3%
±5%
±0.2nH
±0.3nH
Description
Sizes
02
±0.1nH
T
Tape & Reel
All
Product Series
Code
Tolerance
Packaging
Inductance
AL
Thin Film
Chip Inductor
01
Tol
Code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com