Electronic Components Datasheet Search
  English  ▼

X  

LTF Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # LTF
Description  Thin Film Chip Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LTF Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  LTF Datasheet HTML 1Page - Stackpole Electronics, Inc. LTF Datasheet HTML 2Page - Stackpole Electronics, Inc. LTF Datasheet HTML 3Page - Stackpole Electronics, Inc. LTF Datasheet HTML 4Page - Stackpole Electronics, Inc. LTF Datasheet HTML 5Page - Stackpole Electronics, Inc. LTF Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 09/18/2019
www.seielect.com
This specification may be changed at any time without prior notice
.
4
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LTF Series
Thin Film Chip Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Reflow Chart:
Packaging Specifications
Electrical Specifications - LTF0402 (cont.)
Type / Code
Unit
7.008 ± 0.039
2.362 ± 0.039
0.531 ± 0.028
0.374 ± 0.039
0.453 ± 0.039
inches
178.00 ± 1.00
60.00 ± 1.00
13.50 ± 0.70
9.50 ± 1.00
11.50 ± 1.00
mm
T
All Sizes
A
B
C
W
Inductance
Inductance
Quality Factor (MHz)
SRF (GHz)
DCR (Ω)
IDC (mA)
(nH)
Tolerance (nH or %)
min.
min.
max.
max.
LTF0402 _ T7N2
7.2
±0.1, 0.2, 0.3 nH
13 / 500
6
1.05
260
LTF0402 _ T8N0
8.0
±0.1, 0.2, 0.3 nH
13 / 500
5.5
1.25
220
LTF0402 _ T8N1
8.1
±0.1, 0.2, 0.3 nH
13 / 500
5.5
1.25
220
LTF0402 _ T8N2
8.2
±0.1, 0.2, 0.3 nH
13 / 500
5.5
1.25
220
LTF0402 _ T9N1
9.1
±0.1, 0.2, 0.3 nH
13 / 500
5.5
1.25
220
LTF0402 _ T10N
10.0
±1, 2, 3, 5%
13 / 500
4.5
1.35
200
LTF0402 _ T10N8
10.8
±1, 2, 3, 5%
13 / 500
4.5
1.35
200
LTF0402 _ T12N
12.0
±1, 2, 3, 5%
13 / 500
3.7
1.55
180
LTF0402 _ T13N8
13.8
±1, 2, 3, 5%
13 / 500
3.7
1.75
180
LTF0402 _ T15N
15.0
±1, 2, 3, 5%
13 / 500
3.3
1.75
130
LTF0402 _ T17N
17.0
±1, 2, 3, 5%
13 / 500
3.1
1.95
100
LTF0402 _ T18N
18.0
±1, 2, 3, 5%
13 / 500
3.1
2.15
100
LTF0402 _ T20N8
20.8
±1, 2, 3, 5%
13 / 500
2.8
2.55
90
LTF0402 _ T22N
22.0
±1, 2, 3, 5%
13 / 500
2.8
2.65
90
LTF0402 _ T27N
27.0
±1, 2, 3, 5%
13 / 500
2.5
3.25
75
LTF0402 _ T33N
33.0
±5%
13 / 500
2.5
4.50
75
Part Number



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com