Electronic Components Datasheet Search
  English  ▼

X  

LTF Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # LTF
Description  Thin Film Chip Inductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LTF Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  LTF Datasheet HTML 1Page - Stackpole Electronics, Inc. LTF Datasheet HTML 2Page - Stackpole Electronics, Inc. LTF Datasheet HTML 3Page - Stackpole Electronics, Inc. LTF Datasheet HTML 4Page - Stackpole Electronics, Inc. LTF Datasheet HTML 5Page - Stackpole Electronics, Inc. LTF Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 09/18/2019
www.seielect.com
This specification may be changed at any time without prior notice
.
1
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LTF Series
Thin Film Chip Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Exceptional Q values for small package sizes
•
SRF controlled within 10%
•
Stable inductance in high frequency circuits
•
Highly stable design for critical requirements
•
Tight tolerances down to 1% or ± 0.1nH
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
•
Contact Stackpole for additional inductance values
Applications:
•
Wearable devices
•
Wireless LANs
•
Cable/Satellite receivers
•
Security systems
•
Smart meters
•
Connected appliances
•
Various IoT devices
Performance Characteristics
Mechanical Specifications
Inductance and Current Ranges
Type / Code
LTF0201
0.1 ~ 10
400 ~ 80
LTF0402
0.2 ~ 33
800 ~ 75
Inductance (nH)
Current Range (mA)
0.024 ± 0.002
0.012 ± 0.002
0.009 ± 0.002
0.006 ± 0.002
inches
0.60 ± 0.05
0.30 ± 0.05
0.23 ± 0.05
0.15 ± 0.05
mm
0.039 ± 0.002
0.020 ± 0.002
0.013 ± 0.002
0.008 ± 0.004
inches
1.00 ± 0.05
0.50 ± 0.05
0.32 ± 0.05
0.20 ± 0.10
mm
Type / Code
Unit
LTF0201
LTF0402
A
B
C
D
Weight (g)
(1000 pc.)
0.23
0.9
Test
Test Specification
Test Condition
Measuring equipment and fixture:
0201: HP4287 + Agilent 16196C
0402: HP4287 + Agilent 16196B
MIL-STD-202 Method 302
Apply 100 VDC for 1 minute
JIS-C-5201-1 6.1.4
Bending amplitude 3 mm for 10 seconds
MIL-STD-202 Method 208H
245 ± 5ºC for 3 seconds
MIL-STD-202 Method 210E
260 ± 5ºC for 10 seconds
Bending Strength
as specified
Solderability
95% min. coverage
Resistance to Soldering Heat
∆ L ≤ 10%
MIL-STD-202 Method 103B
40 ± 2ºC, 90 ~ 95% R.H. Max working voltage for 1000 hours
with 1.5 hours "ON" and 0.5 hour "OFF"
as specified
Inductance
Insulation Resistance
> 1000 Mohm
Damp Heat with Load
∆ L ≤ 10%


Similar Part No. - LTF

ManufacturerPart #DatasheetDescription
logo
Weller Tools
LTF WELLER-LTF Datasheet
80Kb / 4P
Soldering Tips
logo
STEGO Elektrotechnik Gm...
LTF065 STEGO-LTF065 Datasheet
474Kb / 1P
ENCLOSURE HEATER
11.11.2022
logo
Banner Engineering Corp...
LTF12IC2LD BANNER-LTF12IC2LD Datasheet
3Mb / 47P
L-GAGE® LTF Time of Flight Laser Distance Sensor
19 February 2020
LTF12IC2LDQ BANNER-LTF12IC2LDQ Datasheet
3Mb / 47P
L-GAGE® LTF Time of Flight Laser Distance Sensor
19 February 2020
LTF12IC2LDQP BANNER-LTF12IC2LDQP Datasheet
3Mb / 47P
L-GAGE® LTF Time of Flight Laser Distance Sensor
19 February 2020
More results

Similar Description - LTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
Thin Film Chip Inductor
10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
THIN FILM CHIP INDUCTOR
20090325-B
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
THIN FILM CHIP INDUCTOR
11.26.08
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
THIN FILM CHIP INDUCTOR
12.01.08
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
Thin Film Chip Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com