Electronic Components Datasheet Search
  English  ▼

X  

LWW Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # LWW
Description  Wirewound Ceramic Chip Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LWW Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  LWW Datasheet HTML 1Page - Stackpole Electronics, Inc. LWW Datasheet HTML 2Page - Stackpole Electronics, Inc. LWW Datasheet HTML 3Page - Stackpole Electronics, Inc. LWW Datasheet HTML 4Page - Stackpole Electronics, Inc. LWW Datasheet HTML 5Page - Stackpole Electronics, Inc. LWW Datasheet HTML 6Page - Stackpole Electronics, Inc. LWW Datasheet HTML 7Page - Stackpole Electronics, Inc. LWW Datasheet HTML 8Page - Stackpole Electronics, Inc. LWW Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev Date: 1/3/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LWW Series
Wirewound Ceramic Chip Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
Electrical Specifications – LWW0402 Standard
Mechanical Specifications (cont.)
A
B
C
D
max.
max.
max.
ref.
0.050
0.030
0.024
0.006
0.020
0.009
0.022
0.026
0.020
0.018
inches
1.27
0.76
0.61
0.15
0.51
0.23
0.56
0.66
0.50
0.46
mm
0.071
0.044
0.040
0.015
0.030
0.013
0.034
0.040
0.025
0.025
inches
1.80
1.12
1.02
0.38
0.76
0.33
0.86
1.02
0.64
0.64
mm
0.090
0.068
0.063
0.020
0.050
0.017
0.040
0.070
0.040
0.030
inches
2.29
1.73
1.60
0.51
1.27
0.44
1.02
1.78
1.02
0.76
mm
0.115
0.110
0.080
0.026
0.080
0.020
0.060
0.100
0.040
0.050
inches
2.92
2.79
2.03
0.65
2.03
0.51
1.52
2.54
1.02
1.27
mm
LWW0402…-HC
LWW0805…-HC
LWW1008…-HC
Type/Code
High Current
E
F
G
H
I
J
Unit
LWW0603…-HC
L
Q
L
Q
LWW0402KT1N0
±10%
250
16
12.7
0.045
1360
1.02
77
1.02
69
LWW0402KT1N9
±10%
250
16
11.3
0.07
1040
1.72
68
1.74
82
LWW0402KT2N0
±10%
250
16
11.1
0.07
1040
1.93
54
1.93
75
LWW0402KT2N2
±10%
250
19
10.8
0.07
960
2.19
59
2.23
100
LWW0402KT2N4
±10%
250
15
10.5
0.07
790
2.24
51
2.27
68
LWW0402KT2N7
±10%
250
16
10.4
0.12
640
2.23
42
2.25
61
LWW0402KT3N3
±10%
250
19
7
0.066
840
3.1
65
3.12
87
LWW0402KT3N6
±5%, ±10%
250
19
6.8
0.066
840
3.56
45
3.62
71
LWW0402 _ T3N9
±5%, ±10%
250
19
5.8
0.066
840
3.89
50
4
75
LWW0402 _ T4N3
±5%, ±10%
250
18
6
0.091
700
4.19
47
4.3
71
LWW0402 _ T4N7
±5%, ±10%
250
18
4.7
0.13
640
4.55
48
4.68
68
LWW0402 _ T5N1
±5%, ±10%
250
20
4.8
0.083
800
5.15
56
5.25
82
LWW0402 _ T5N6
±5%, ±10%
250
20
4.8
0.083
760
5.16
54
5.28
81
LWW0402 _ T6N2
±5%, ±10%
250
20
4.8
0.083
760
6.16
52
6.37
76
LWW0402 _ T6N8
±5%, ±10%
250
20
4.8
0.083
680
6.56
63
6.93
78
LWW0402 _ T7N5
±5%, ±10%
250
22
4.8
0.104
680
7.91
60
8.22
88
LWW0402 _ T8N2
±5%, ±10%
250
22
4.4
0.104
680
8.5
57
8.85
84
LWW0402 _ T8N7
±5%, ±10%
250
18
4.1
0.2
480
8.78
54
9.21
73
LWW0402 _ T9N0
±5%, ±10%
250
22
4.16
0.104
680
9.07
62
9.53
78
LWW0402 _ T9N5
±5%, ±10%
250
18
4
0.2
480
9.42
54
9.98
69
LWW0402 _ T10N
±2%, ±5%, ±10%
250
21
3.9
0.195
480
9.8
50
10.1
67
LWW0402 _ T11N
±2%, ±5%, ±10%
250
24
3.68
0.12
640
10.7
52
11.2
78
LWW0402 _ T12N
±2%, ±5%, ±10%
250
24
3.6
0.12
640
11.9
53
12.7
71
LWW0402 _ T13N
±2%, ±5%, ±10%
250
24
3.45
0.21
440
13.4
51
14.6
57
LWW0402 _ T15N
±2%, ±5%, ±10%
250
24
3.28
0.172
560
14.6
55
15.5
77
LWW0402 _ T16N
±2%, ±5%, ±10%
250
24
3.1
0.22
560
16.6
46
18.8
47
LWW0402 _ T18N
±2%, ±5%, ±10%
250
25
3.1
0.23
420
18.3
57
20.3
62
LWW0402 _ T19N
±2%, ±5%, ±10%
250
24
3.04
0.202
480
19.1
50
21.1
67
LWW0402 _ T20N
±2%, ±5%, ±10%
250
25
3
0.25
420
20.7
52
23.7
53
LWW0402 _ T22N
±2%, ±5%, ±10%
250
25
2.8
0.3
400
23.2
53
26.8
53
LWW0402 _ T23N
±2%, ±5%, ±10%
250
24
2.72
0.3
400
23.8
49
26.9
64
LWW0402 _ T24N
±2%, ±5%, ±10%
250
25
2.7
0.3
400
25.1
51
29.5
50
LWW0402 _ T27N
±2%, ±5%, ±10%
250
24
2.48
0.3
400
28.7
49
33.5
63
LWW0402 _ T30N
±2%, ±5%, ±10%
250
25
2.35
0.35
400
31.1
46
38.5
39
LWW0402 _ T33N
±2%, ±5%, ±10%
250
24
2.35
0.35
400
34.9
31
41.7
32
LWW0402 _ T36N
±2%, ±5%, ±10%
250
24
2.32
0.44
320
39.5
44
48.4
53
LWW0402 _ T39N
±2%, ±5%, ±10%
250
25
2.1
0.55
200
41.7
47
50.2
45
LWW0402 _ T40N
±2%, ±5%, ±10%
250
24
2.24
0.5
320
39
44
47.4
33
LWW0402 _ T43N
±2%, ±5%, ±10%
250
25
2.03
0.81
100
45.8
46
61.6
34
LWW0402 _ T47N
±2%, ±5%, ±10%
250
25
2.1
0.83
150
50
38
55.8
37
900MHz
1.7GHz
L Freq.
(MHz)
Part Number
SRF (GHz)
min.
DCR (Ω)
max.
I DC (mA)
max.
Tolerance
Q Factor
min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com