Electronic Components Datasheet Search
  English  ▼

X  

LWW Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # LWW
Description  Wirewound Ceramic Chip Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LWW Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  LWW Datasheet HTML 1Page - Stackpole Electronics, Inc. LWW Datasheet HTML 2Page - Stackpole Electronics, Inc. LWW Datasheet HTML 3Page - Stackpole Electronics, Inc. LWW Datasheet HTML 4Page - Stackpole Electronics, Inc. LWW Datasheet HTML 5Page - Stackpole Electronics, Inc. LWW Datasheet HTML 6Page - Stackpole Electronics, Inc. LWW Datasheet HTML 7Page - Stackpole Electronics, Inc. LWW Datasheet HTML 8Page - Stackpole Electronics, Inc. LWW Datasheet HTML 9Page - Stackpole Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev Date: 1/3/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LWW Series
Wirewound Ceramic Chip Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
L
Q
L
Q
LWW0603 _ T1N6
±5%, ±10%
250
24
12.5
0.03
700
1.53
35
1.58
55
LWW0603 _ T1N8
±5%, ±10%
250
16
12.5
0.045
700
1.63
35
1.66
50
LWW0603 _ T2N2
±5%, ±10%
250
15
6
0.1
700
2.18
41
2.2
64
LWW0603 _ T2N3
±5%, ±10%
250
16
>4.00
0.14
700
2.32
32
2.35
40
LWW0603 _ T3N3 ±2%, ±5%, ±10%
250
22
>6.00
0.08
700
3.35
47
3.4
65
LWW0603 _ T3N6 ±2%, ±5%, ±10%
250
22
5.8
0.063
700
3.53
49
3.58
65
LWW0603 _ T3N9 ±2%, ±5%, ±10%
250
22
>6.00
0.08
700
3.95
49
3.96
67
LWW0603 _ T4N3 ±2%, ±5%, ±10%
250
22
5.8
0.063
700
4.32
49
4.43
67
LWW0603 _ T4N5 ±2%, ±5%, ±10%
250
20
5.8
0.12
700
4.74
55
4.87
92
LWW0603 _ T4N7 ±2%, ±5%, ±10%
250
25
5.8
0.12
700
4.65
53
4.8
67
LWW0603 _ T5N1 ±2%, ±5%, ±10%
250
20
5.8
0.16
700
5.13
47
5.36
56
LWW0603 _ T5N6 ±2%, ±5%, ±10%
250
20
5.8
0.17
700
5.53
56
5.86
77
LWW0603 _ T6N2 ±2%, ±5%, ±10%
250
25
5.8
0.11
700
6.28
60
6.4
85
LWW0603 _ T6N3 ±2%, ±5%, ±10%
250
25
5.8
0.11
700
6.67
41
6.86
61
LWW0603 _ T6N8 ±2%, ±5%, ±10%
250
27
5.8
0.11
700
6.75
60
7.1
81
LWW0603 _ T7N5 ±2%, ±5%, ±10%
250
28
4.8
0.106
700
7.7
60
7.82
65
LWW0603 _ T8N2 ±2%, ±5%, ±10%
250
27
4.8
0.11
700
8.25
64
8.4
81
LWW0603 _ T8N7 ±2%, ±5%, ±10%
250
28
4.8
0.109
700
8.86
62
9.32
58
LWW0603 _ T9N1 ±2%, ±5%, ±10%
250
35
4.8
0.13
700
9.2
70
9.7
80
LWW0603 _ T9N5 ±2%, ±5%, ±10%
250
28
5.4
0.135
700
9.7
59
9.92
61
LWW0603 _ T10N ±2%, ±5%, ±10%
250
31
4.8
0.13
700
10
66
10.6
83
LWW0603 _ T11N ±2%, ±5%, ±10%
250
31
4
0.086
700
11.3
53
12.1
56
LWW0603 _ T12N ±2%, ±5%, ±10%
250
35
4
0.13
700
12.3
72
13.5
83
LWW0603 _ T15N ±2%, ±5%, ±10%
250
35
4
0.17
700
15.4
64
16.8
89
LWW0603 _ T16N ±2%, ±5%, ±10%
250
35
3.3
0.11
700
16.5
55
18
52
LWW0603 _ T17N ±2%, ±5%, ±10%
250
35
3.2
0.17
700
17.6
56
19.4
44
LWW0603 _ T18N ±2%, ±5%, ±10%
250
35
3.1
0.17
700
18.7
70
21.4
69
LWW0603 _ T20N ±2%, ±5%, ±10%
250
40
3
0.19
700
20.7
80
23.5
30
LWW0603 _ T22N ±2%, ±5%, ±10%
250
38
3
0.19
700
22.8
73
26.1
71
LWW0603 _ T23N ±2%, ±5%, ±10%
250
38
2.85
0.19
700
24.1
71
28
71
LWW0603 _ T24N ±2%, ±5%, ±10%
250
38
2.8
0.13
700
25.7
45
30.9
40
LWW0603 _ T27N ±2%, ±5%, ±10%
250
40
2.8
0.22
600
29.2
74
34.6
65
LWW0603 _ T30N ±2%, ±5%, ±10%
250
40
2.8
0.15
600
31.4
47
39.8
28
LWW0603 _ T33N ±2%, ±5%, ±10%
250
40
2.3
0.22
600
36
67
49.5
42
LWW0603 _ T36N ±2%, ±5%, ±10%
250
37
2.3
0.25
600
39.1
47
48.9
24
LWW0603 _ T39N ±2%, ±5%, ±10%
250
40
2.2
0.25
600
42.7
60
60.2
40
LWW0603 _ T43N ±2%, ±5%, ±10%
200
38
2
0.28
600
46.9
44
60.3
21
LWW0603 _ T47N ±2%, ±5%, ±10%
200
38
2
0.28
600
52.2
62
77.2
35
LWW0603 _ T51N ±2%, ±5%, ±10%
200
38
1.9
0.28
600
55.5
69
82.2
34
LWW0603 _ T56N ±2%, ±5%, ±10%
200
38
1.9
0.31
600
62.5
56
97
26
LWW0603 _ T62N ±2%, ±5%, ±10%
200
37
1.8
0.34
600
68
40
110
10
LWW0603 _ T68N ±2%, ±5%, ±10%
200
37
1.7
0.34
600
80.5
54
168
21
Part Number
L Freq.
(MHz)
Q Factor
min.
Tolerance
SRF (GHz)
min.
DCR (Ω)
max.
I DC (mA)
max.
900 MHz
1.7GHz
Electrical Specifications – LWW0603 Standard
Electrical Specifications – LWW0402 Standard (cont.)
L
Q
L
Q
LWW0402 _ T51N
±2%, ±5%, ±10%
250
25
1.75
0.82
100
50.4
47
59.4
37
LWW0402 _ T56N
±2%, ±5%, ±10%
250
25
1.76
0.97
100
57.4
49
72.4
40
LWW0402 _ T68N
±2%, ±5%, ±10%
250
22
1.62
1.12
100
69.6
45
83.4
38
LWW0402 _ T82N
±2%, ±5%, ±10%
250
22
1.26
1.55
50
-
-
-
-
LWW0402 _ TR10
±2%, ±5%, ±10%
250
22
1.16
2
30
-
-
-
-
LWW0402 _ TR12
±2%, ±5%, ±10%
250
20
>1.80
2.66
50
-
-
-
-
DCR (Ω)
max.
I DC (mA)
max.
900MHz
1.7GHz
Part Number
Tolerance
L Freq.
(MHz)
Q Factor
min.
SRF (GHz)
min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com