| Electronic Components Datasheet Search |
|
LWW Datasheet(PDF) 11 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
LWW Datasheet(HTML) 11 Page - Stackpole Electronics, Inc. |
|
11 / 12 page ![]() Rev Date: 1/3/2022 11 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. LWW Series Wirewound Ceramic Chip Inductor Stackpole Electronics, Inc. Resistive Product Solutions RoHS Compliance Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances” (RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as amended by Directive (EU) 2015/863/EU as regards the list of restricted substances. “Conflict Metals” Commitment We at Stackpole Electronics, Inc. are joined with our industry in opposing the use of metals mined in the “conflict region” of the eastern Democratic Republic of the Congo (DRC) in our products. Recognizing that the supply chain for metals used in the electronics industry is very complex, we work closely with our own suppliers to verify to the extent possible that the materials and products we supply do not contain metals sourced from this conflict region. As such, we are in compliance with the requirements of Dodd-Frank Act regarding Conflict Minerals. Compliance to “REACH” We certify that all passive components supplied by Stackpole Electronics, Inc. are SVHC (Substances of Very High Concern) free and compliant with the requirements of EU Directive 1907/2006/EC, “The Registration, Evaluation, Authorization and Restriction of Chemicals”, otherwise referred to as REACH. Contact us for complete list of REACH Substance Candidate List. Environmental Policy It is the policy of Stackpole Electronics, Inc. (SEI) to protect the environment in all localities in which we operate. We continually strive to improve our effect on the environment. We observe all applicable laws and regulations regarding the protection of our environment and all requests related to the environment to which we have agreed. We are committed to the prevention of all forms of pollution. RoHS Compliance Status LWW Wirewound Ceramic Surface Mount Chip Inductor SMD YES 100% Matte Sn Aug-05 05/31 Lead-Free Effective Date Code (YY/WW) Standard Product Series Description Package / Termination Type Standard Series RoHS Compliant Lead-Free Termination Composition Lead-Free Mfg. Effective Date (Std Product Series) Embossed Plastic Tape Specifications (cont.) Type/Code Unit 0.079 ± 0.002 0.057 ± 0.002 0.009 ± 0.002 0.091 ± 0.004 0.157 ± 0.004 inches 2.00 ± 0.05 1.45 ± 0.05 0.23 ± 0.05 2.30 ± 0.10 4.00 ± 0.10 mm 0.079 ± 0.002 0.057 ± 0.002 0.009 ± 0.002 0.091 ± 0.004 0.157 ± 0.004 inches 2.00 ± 0.05 1.45 ± 0.05 0.23 ± 0.05 2.30 ± 0.10 4.00 ± 0.10 mm 0.079 ± 0.002 0.079 ± 0.002 0.009 ± 0.002 0.110 ± 0.004 0.157 ± 0.004 inches 2.00 ± 0.05 2.00 ± 0.05 0.23 ± 0.05 2.80 ± 0.10 4.00 ± 0.10 mm 0.079 ± 0.002 0.079 ± 0.002 0.009 ± 0.002 0.110 ± 0.004 0.157 ± 0.004 inches 2.00 ± 0.05 2.00 ± 0.05 0.23 ± 0.05 2.80 ± 0.10 4.00 ± 0.10 mm L G H J LWW0805 LWW0805…-HC LWW1008 LWW1008…-HC K |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |