Electronic Components Datasheet Search
  English  ▼

X  

LWW Datasheet(PDF) 12 Page - Stackpole Electronics, Inc.

Part # LWW
Description  Wirewound Ceramic Chip Inductor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

LWW Datasheet(HTML) 12 Page - Stackpole Electronics, Inc.

Back Button LWW Datasheet HTML 4Page - Stackpole Electronics, Inc. LWW Datasheet HTML 5Page - Stackpole Electronics, Inc. LWW Datasheet HTML 6Page - Stackpole Electronics, Inc. LWW Datasheet HTML 7Page - Stackpole Electronics, Inc. LWW Datasheet HTML 8Page - Stackpole Electronics, Inc. LWW Datasheet HTML 9Page - Stackpole Electronics, Inc. LWW Datasheet HTML 10Page - Stackpole Electronics, Inc. LWW Datasheet HTML 11Page - Stackpole Electronics, Inc. LWW Datasheet HTML 12Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Rev Date: 1/3/2022
12
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
LWW Series
Wirewound Ceramic Chip Inductor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
L
W
W
0
6
0
3
J
T
1
N
6
-
H
C
Legacy Part Number:
How to Order
1
2
3
4
5
6
7
8
9
10
W
L
0
3
J
T
H
1
N
6
Code
Code
Tol
Code
Quantity
Code
(blank)
C
±0.2nH
1N6
D
±0.5nH
82N
G
2%
R27
J
5%
1R0
K
10%
103
M
20%
1.6nH
0805
0805
82nH
0603
Paper Tape
10000nH
T
Embossed
Plastic
2000
LWW
Wirewound
Inductor
0402
Description
0603
1008
Product Series
Size
Tolerance
Packaging
Inductance
Description
Standard
1008
4000
-HC
High Current
and High Q
270nH
1000nH
Sizes
Inductance
0402
Code
Code
02
Code
Tol
Code
Quantity
Code
03
G
2%
4,000
1N6
05
J
5%
2,000
82N
08
K
10%
R27
M
20%
1R0
103
82nH
1008
270nH
1000nH
10000nH
Inductance
0603
T
Tape and Reel
02, 03
H
High Current
and Q
1.6nH
0805
05, 08, 06
Standard
WL
Wirewound
Inductor
0402
Description
Sizes
Inductance
Product Series
Size
Tolerance
Packaging
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com