Electronic Components Datasheet Search
  English  ▼

X  

SPSB0813 Datasheet(PDF) 56 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 52Page - STMicroelectronics SPSB0813 Datasheet HTML 53Page - STMicroelectronics SPSB0813 Datasheet HTML 54Page - STMicroelectronics SPSB0813 Datasheet HTML 55Page - STMicroelectronics SPSB0813 Datasheet HTML 56Page - STMicroelectronics SPSB0813 Datasheet HTML 57Page - STMicroelectronics SPSB0813 Datasheet HTML 58Page - STMicroelectronics SPSB0813 Datasheet HTML 59Page - STMicroelectronics SPSB0813 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 135 page
background image
Table 30. Voltage regulator V1
Symbol
Parameter
Condition
Min Typ Max Unit Item
V1
Output voltage including line
and load regulation
VSREG ≥ 6.5 V
5.0
V
C.001
3.3
C.041
V110mA
Output voltage tolerance (0 .. Icmp)
ILOAD = 100 µA to Icmp
VSREG = 13.5 V
-2.5
+2.5
%
C.003
V1high_acc
Output voltage tolerance
High accuracy mode
ILOAD = Icmp to 100 mA, (active mode)
VSREG = 13.5 V
-2.5
+2.5
%
C.004
V1250mA
Output voltage tolerance (100 …
250mA)
ILOAD = 250mA,
VSREG = 13.5 V
-3
+3
%
C.005
V1ov_th1
OverVoltage threshold 1 for V1
V1 rising
5.2 5.35
5.5
V
C.042
V1 falling–V1 13V5/100 uA
0.1
-
0.4
V1 rising
3.5 3.65
3.8
C.066
V1 falling–V1 13V5/100 uA
0.1
-
0.4
V1ov_th2
OverVoltage threshold 2 for V1
Define the test condition
5.5 5.65
5.8
V
C.043
3.9 4.05
4.2
C.067
Rdischarge
Resistance to be able to discharge
20 mA
V1 = 3.3 V
120
165
Ω
C.044
V1=5 V
130
200
C.045
VDP1
Drop-out voltage
ILOAD =50 mA, VSREG= 5 V (V1=5 V)
0.2
0.25
V
C.006
ILOAD =50 mA, VSREG= 3.55 V ((1)
V1=3.3 V)
0.25 0.35
C.046
ILOAD =100 mA, VSREG= 5 V (V1=5 V)
and VSREG= 3.55 V (1) below 3.55 V,
the POR VSREG can be activated and
there is a device reset. (V1=3.3 V)
0.35
0.5
C.007
ILOAD=150 mA, VSREG= 5 V and
VSREG= 3.55 V (1) (V1=3.3 V); T= 25°C
0.35
0.5
C.008
ICCmax1
Short circuit output current (to GND)
Current limitation
450 750 1100 mA C.010
Cload1(2)
Load capacitor1
Ceramic (+/- 20%)
1(3)
10(1)
µF
C.011
tTSD
V1 deactivation time after thermal
shut-down
Tested by scan
-
1.5
-
sec C.012
ICMP_ris
Current comp. rising threshold (to
GND)
Rising current ICMP_SET = 0
1
4
7
mA
C.013
Rising current ICMP_SET = 1
6
12
18
C.047
ICMP_fal(4)
Current comp. falling threshold (to
GND)
Falling current ICMP_SET = 0
0.4
2.8
4.2
mA
C.014
Falling current ICMP_SET = 1
4
10
15
C.048
ICMP_hys(4)
Current comp. hysteresis
ICMP_SET = 0
1.2
mA
C.015
ICMP_SET = 1
1
2
4
C.049
V1fail
V1 fail threshold
V1 forced (V1=5 V)
2
3
V
C.016
V1 forced (V1=3.3 V)
1.3
2
C.050
tOV1filter1
V1 overvoltage filter time1
Tested by scan
20
30
µs
C.051
tOV1filter2
V1 overvoltage filter time2
Tested by scan
20
30
µs
C.052
tV1fail
V1 fail filter time
Tested by scan
6
13
20
µs
C.017
tV1short
V1 short filter time
Tested by scan
2
4
5
ms C.018
SPSB081
Voltage regulator V1
DS14048 - Rev 1
page 56/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com