Electronic Components Datasheet Search
  English  ▼

X  

SPSB0813 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 71Page - STMicroelectronics SPSB0813 Datasheet HTML 72Page - STMicroelectronics SPSB0813 Datasheet HTML 73Page - STMicroelectronics SPSB0813 Datasheet HTML 74Page - STMicroelectronics SPSB0813 Datasheet HTML 75Page - STMicroelectronics SPSB0813 Datasheet HTML 76Page - STMicroelectronics SPSB0813 Datasheet HTML 77Page - STMicroelectronics SPSB0813 Datasheet HTML 78Page - STMicroelectronics SPSB0813 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 135 page
background image
Figure 34. LIN transmit, receive timing
5.15
SPI
The voltages are referred to ground and currents are assumed positive, when the current flows into the pin. 6 V <
VSREG < 18 V; all outputs open; Tj = from -40°C to 150°C, unless otherwise specified.
Table 55. Input: CSN
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VCSNLOW
Input voltage low
level
Normal mode,
V1=5 V
1.0
1.45
V
B.001
VCSNHIGH
Input voltage high
level
Normal mode,
V1=5 V
1.85
2.3
V
B.002
VCSNHYS
VCSNHIGH -
VCSNLOW
Normal mode,
V1=5 V
0.2
0.4
V
B.003
ICSNPU
CSN pull up resistor
Normal mode,
V1=5 V
13
29
46
kΩ
B.004
Table 56. Inputs: CLK, DI
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
tset
delay time from
V1_standby mode
to active mode
Switching from V1_standby
mode to active mode using
SPI wake- up access.
Time until output drivers(p-
channel) are enabled after
CSN going to high. Tested
by scan
60
µs
B.005
Vin L
input low level
V1 = 5 V
1.0
1.45
V
B.007
Vin H
input high level
V1 = 5 V
1.8
2.3
V
B.008
Vin Hyst
input hysteresis
V1 = 5 V
0.2
0.4
V
B.009
I in
pull down current at
input
Vin = 1 V
5
30
60
µA
B.010
Cin(1)
input capacitance at
input CSN, CLK, DI
and PWM1,2
0V < V1 < 5.3 V
10
15
pF
B.011
SPSB081
SPI
DS14048 - Rev 1
page 75/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com