Electronic Components Datasheet Search
  English  ▼

X  

SPSB0813 Datasheet(PDF) 64 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 60Page - STMicroelectronics SPSB0813 Datasheet HTML 61Page - STMicroelectronics SPSB0813 Datasheet HTML 62Page - STMicroelectronics SPSB0813 Datasheet HTML 63Page - STMicroelectronics SPSB0813 Datasheet HTML 64Page - STMicroelectronics SPSB0813 Datasheet HTML 65Page - STMicroelectronics SPSB0813 Datasheet HTML 66Page - STMicroelectronics SPSB0813 Datasheet HTML 67Page - STMicroelectronics SPSB0813 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 135 page
background image
5.12
Wake-up inputs (WU1, DIR/WU2)
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin. 6 V <
VSREG< 28 V; Tj = from
‑40 to 150°C, unless otherwise specified.
Table 39. Wake-up inputs
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VWUthp
Wake-up positive edge
threshold voltage
0.4
VsREG
0.45
VsREG
0.5
VsREG
V
A.033
VWUthn
Wake-up negative edge
threshold voltage
0.5
VsREG
0.55 VsREG
0.6
VsREG
V
A.034
VDIRth
DIR threshold voltage
0.5
1.5
2.5
V
A.035
VHYST
Hysteresis (1)
0.05
VsREG
0.1
VsREG
0.15
VsREG
V
A.036
tWU_stat
Static wake filter time
Tested by
scan
-
64 (2)
-
µs
A.037
RWU_act
Input resistor to Gnd
in active mode and in
standby mode during
wake-up input sensing
80
160
300
kΩ
A.039
tWU_cyc
Cyclic wake filter time
Tested by
scan
12
16
20
µs
A.040
1. In DIR configuration, no appreciable hysteresis is observed.
2. Guaranteed by design.
5.13
CAN FD transceiver
The voltages are referred to GND and currents are assumed positive, when the current flows into the pin. 6 V
< VSREG< 18 V; 4.8 V < Vcansup < 5.2 V; Tjunction = from -40°C... 150°C, unless otherwise specified. -12 V ≤
(CANH+CANL)/2 ≤ 12 V
•
ISO 11898-2:2016 compliant
•
SAE J2284 compliant
•
SAE J2962-2 (draft Nov. 13, 2017) compliant
Table 40. CAN communication operating range
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VSREG_Transmitter
Supply voltage
operating range for
CAN transmitter (1)
6.5
28
V
E.001
VSREG_Receiver
Supply voltage
operating range for
CAN receiver
6.5
28
V
E.002
VCANSUPvalid
CAN supply valid
voltage flag
VV1 = VCANSUP
decreasing or
VV2 = VCANSUP
decreasing or
External supply =
VCANSUP decreasing
4.5
4.65
4.8
V
E.105
VCANSUPext
External CAN supply
output voltage
4.9
5.0
5.1
V
E.106
tCANSUPvalid
CAN supply UV filter
time
Tested by scan
-
22
-
µs
E.107
SPSB081
Wake-up inputs (WU1, DIR/WU2)
DS14048 - Rev 1
page 64/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com