Electronic Components Datasheet Search
  English  ▼

X  

SPSB0813 Datasheet(PDF) 67 Page - STMicroelectronics

Part # SPSB0813
Description  Automotive power management IC with LIN and CAN-FD
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB0813 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button SPSB0813 Datasheet HTML 63Page - STMicroelectronics SPSB0813 Datasheet HTML 64Page - STMicroelectronics SPSB0813 Datasheet HTML 65Page - STMicroelectronics SPSB0813 Datasheet HTML 66Page - STMicroelectronics SPSB0813 Datasheet HTML 67Page - STMicroelectronics SPSB0813 Datasheet HTML 68Page - STMicroelectronics SPSB0813 Datasheet HTML 69Page - STMicroelectronics SPSB0813 Datasheet HTML 70Page - STMicroelectronics SPSB0813 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 135 page
background image
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VDIFF_Arb
Differential output
voltage in dominant
state during arbitration:
VCANHdom-VCANLdom
VTXDC=VTXDCLOW
;
RL=2240 Ω
1.5
5
V
E.024
VDIFF,dom_ext
Differential output voltage
in dominant state on
extended bus load range:
VCANHdom-VCANLdom
VTXDC=VTXDCLOW
;
RL=45 Ω … 70 Ω
1.4
3.3
V
E.025
VDIFF,domVsLow
Differential output voltage
in dominant state:
VCANHdom-VCANLdom at
low VSREG
VTXDC=VTXDCLOW
;
RL=50 Ω … 65 Ω;
5 V < VSREG < 5.5
V
1.35
3
V
E.026
VDIFF,dom_ext_
VsLow
Differential output voltage
in dominant state:
VCANHdom -VCANLdom
with 45Ω … 70Ω load at
low VSREG
VTXDC=VTXDCLO
W;
RL=45 … 70 Ω;
5 V < VSREG < 5.5
V (1)
1.25
3.3
V
E.027
VSYM
Driver symmetry
VSYM = (VCANH +
VCANL)/VCANSUP
VCANSUP = 5 V (2)
RL = 60 Ω ± 1%;
fTXDC = 1MHz (3);
CSPLIT = 4.7 nF
(+-5%)
0.9
1
1.1
E.028
IOCANH,dom (-3
V)
CANH output current in
dominant state
VTXDC =
VTXDCLOW;
VCANH= -3 V..18 V
-115
115
mA
E.029
IOCANL,dom (18
V)
CANL output current in
dominant state
VTXDC =
VTXDCLOW;
VCANL = -3 V..18
V
-115
115
mA
E.030
IOCANL,dom (40
V)
CANL output current in
dominant state
VTXDC =
VTXDCLOW;
VCANL = 40 V;
VSREG = 40 V
0
115
mA
E.032
1. VSREG at device pin after reverse battery protection, while application is supplied with 6V. Operating condition has to be
adapted, if higher voltage drop occur in the application.
2. Put into the datasheet, if it is an internal voltage. If it is an external pin, it should be supplied externally.
3. Measurement equipment input load <20 pF, >1 MΩ, guaranteed by E.025, E.026, E.029, E.030, E.053, E.054
measurements.
Table 44. CAN transmitter recessive output characteristics, CAN normal mode
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Item
VCANHrec
CANH voltage level
in recessive state
(normal mode)
VTXDC = VTXDCHIGH;
no load
2
2.5
3
V
E.033
VCANLrec
CANL voltage level
in recessive state
(normal mode)
VTXDC = VTXDCHIGH;
no load
2
2.5
3
V
E.034
VDIFF,recOUT
Differential output
voltage in recessive
state (normal mode):
VTXDC = VTXDCHIGH;
no load
-50
50
mV
E.035
SPSB081
CAN FD transceiver
DS14048 - Rev 1
page 67/135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com