Electronic Components Datasheet Search
  English  ▼

X  

PCMD3140 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCMD3140
Description  PCMD3140-Q1 Quad-Channel, PDM Input to TDM or I2S Output Converter
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCMD3140 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCMD3140 Datasheet HTML 45Page - Texas Instruments PCMD3140 Datasheet HTML 46Page - Texas Instruments PCMD3140 Datasheet HTML 47Page - Texas Instruments PCMD3140 Datasheet HTML 48Page - Texas Instruments PCMD3140 Datasheet HTML 49Page - Texas Instruments PCMD3140 Datasheet HTML 50Page - Texas Instruments PCMD3140 Datasheet HTML 51Page - Texas Instruments PCMD3140 Datasheet HTML 52Page - Texas Instruments PCMD3140 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
7.4 Device Functional Modes
7.4.1 Sleep Mode or Software Shutdown
In sleep mode or software shutdown mode, the device consumes very low quiescent current from the AVDD
supply and, at the same time, allows the I2C communication to wake the device for active operation.
The device enters sleep mode when the host device sets the SLEEP_ENZ (P0_R2_D0) bit to 1'b0. If the
SLEEP_ENZ bit is asserted low when the device is in active mode, the device ramps down the volume on
the record data, powers down the analog and digital blocks, and enters sleep mode. However, the device
still continues to retain the last programmed value of the device configuration registers and programmable
coefficients.
In sleep mode, do not perform any I2C transactions, except for exiting sleep mode in order to enter active mode.
After entering sleep mode, wait at least 10 ms before starting I2C transactions to exit sleep mode.
When exiting sleep mode, the host device must configure the PCMD3140-Q1 to use either an external 1.8-V
AREG supply (default setting) or an on-chip, regulator-generated AREG supply. To configure the AREG supply,
write to AREG_SELECT (bit D7) in the same P0_R2 register.
7.4.2 Active Mode
If the host device exits sleep mode by setting the SLEEP_ENZ bit to 1'b1, the device enters active mode. In
active mode, I2C transactions can be done to configure and power-up the device for active operation. After
entering active mode, wait at least 1 ms before starting any I2C transactions to allow the device to complete the
internal wake-up sequence.
Read and write operations to the programmable coefficient registers in page 2, page 3, and page 4 and to the
channel configuration registers (CHx_CFG[1:4]) in page 0 must be done 10 ms after exiting sleep mode.
After configuring all other registers for the target application and system settings, configure the input and
output channel enable registers, IN_CH_EN (P0_R115) and ASI_OUT_CH_EN (P0_R116), respectively. Lastly,
configure the device power-up register, PWR_CFG (P0_R117). All programmable coefficient values must be
written before powering up the respective channel.
In active mode, the power-up and power-down status of various blocks is monitored by reading the read-only
device status bits located in the DEV_STS0 (P0_R117) and DEV_STS1 (P0_R118) registers.
7.4.3 Software Reset
A software reset can be done any time by asserting the SW_RESET (P0_R1_D0) bit, which is a self-clearing
bit. This software reset immediately shuts down the device, and restores all device configuration registers and
programmable coefficients to their default values.
www.ti.com
PCMD3140-Q1
SBASAH3A – APRIL 2022 – REVISED SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: PCMD3140-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com