Electronic Components Datasheet Search
  English  ▼

X  

STPA008-ZST Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPA008-ZST
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-ZST Datasheet(HTML) 5 Page - STMicroelectronics

  STPA008-ZST Datasheet HTML 1Page - STMicroelectronics STPA008-ZST Datasheet HTML 2Page - STMicroelectronics STPA008-ZST Datasheet HTML 3Page - STMicroelectronics STPA008-ZST Datasheet HTML 4Page - STMicroelectronics STPA008-ZST Datasheet HTML 5Page - STMicroelectronics STPA008-ZST Datasheet HTML 6Page - STMicroelectronics STPA008-ZST Datasheet HTML 7Page - STMicroelectronics STPA008-ZST Datasheet HTML 8Page - STMicroelectronics STPA008-ZST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DS13138 Rev 2
5/25
STPA008ZS
Overview
24
1
Overview
STPA008ZS is a complementary quad audio power amplifier. It embeds four independent
amplifiers working in class AB, a standby and a mute pin, an offset detector and a clipping
detector and diagnostics output. The amplifier is fully operational down to a battery voltage
of 6 V, without producing pop noise and continuing to play during battery transitions.
STPA008ZS can drive 2 ohm loads and it has a very high immunity to disturb without need
of external components or compensation. It is protected against any kind of short or open
circuit, over-voltage and over-temperature.
1.1
Block diagram and application circuit
Figure 1. Block diagram
IN1
MUTE
ST-BY
IN2
OUT1+
OUT1-
OUT2+
OUT2-
PW-GND
IN3
IN4
OUT3+
OUT3-
OUT4+
OUT4-
PW-GND
PW-GND
PW-GND
AC-GND
SVR
TAB
S-GND
Vcc1
Vcc2
CD-DIAG (*)
OFFSET
DETECTOR
GAPGPS00671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com