Electronic Components Datasheet Search
  English  ▼

X  

STPA008-ZST Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPA008-ZST
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-ZST Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPA008-ZST Datasheet HTML 3Page - STMicroelectronics STPA008-ZST Datasheet HTML 4Page - STMicroelectronics STPA008-ZST Datasheet HTML 5Page - STMicroelectronics STPA008-ZST Datasheet HTML 6Page - STMicroelectronics STPA008-ZST Datasheet HTML 7Page - STMicroelectronics STPA008-ZST Datasheet HTML 8Page - STMicroelectronics STPA008-ZST Datasheet HTML 9Page - STMicroelectronics STPA008-ZST Datasheet HTML 10Page - STMicroelectronics STPA008-ZST Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DS13138 Rev 2
7/25
STPA008ZS
Pin description
24
2
Pin description
2.1
Pin connection
Figure 3. Pin connection (top view)
2.2
Pin descriptions
18
16
17
15
6
5
4
3
2
21
22
31
32
33
35
34
36
20
1
19
9
8
7
28
29
30
10
27
14
12
11
23
25
26
13
24
TAB
OUT4-
MUTE
PWGND4
NC
NC
VCC4
CD
OUT4+
OUT2+
OD
VCC2
PWGND2
NC
NC
STBY
OUT2-
NC
OUT3-
NC
VCC3
PWGND3
OUT3+
ACGND
IN3
IN4
SGND
IN2
IN1
SVR
NC
OUT1+
PWGND1
VCC1
NC
OUT1-
GAPG2804150727PS
Table 2. Pin description
Pin number
Pin name
Description
1TAB
-
2
OUT4-
Channel 4, negative output
3
MUTE
Mute pin
4
PWGND4
Channel 4, output power ground
5NC
-
6NC
-
7
VCC4
Supply voltage
8
CD
clipping detector
9
OUT4+
Channel 4, positive output
10
OUT2+
Channel 2, positive output
11
OD
Offset detector output
12
VCC2
Supply voltage
13
PWGND2
Channel 2, output power ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com