Electronic Components Datasheet Search
  English  ▼

X  

STPA008-ZST Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPA008-ZST
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-ZST Datasheet(HTML) 1 Page - STMicroelectronics

  STPA008-ZST Datasheet HTML 1Page - STMicroelectronics STPA008-ZST Datasheet HTML 2Page - STMicroelectronics STPA008-ZST Datasheet HTML 3Page - STMicroelectronics STPA008-ZST Datasheet HTML 4Page - STMicroelectronics STPA008-ZST Datasheet HTML 5Page - STMicroelectronics STPA008-ZST Datasheet HTML 6Page - STMicroelectronics STPA008-ZST Datasheet HTML 7Page - STMicroelectronics STPA008-ZST Datasheet HTML 8Page - STMicroelectronics STPA008-ZST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is information on a product in full production.
September 2021
DS13138 Rev 2
1/25
STPA008ZS
4 x 50 W MOSFET quad bridge power amplifier
Datasheet
- production data
Features
 AEC-Q100 qualified
 High output power capability:
– 4 x 50 W/4 Ω Max.
– 4 x 28 W/4 Ω @ 14.4 V, 1 kHz, 10 %
– 4 x 72 W/2 Ω Max.
 MOSFET output power stage
 2 Ω driving capability
 Capable to operate down to 6 V (suitable for
start-stop car operation)
 Excellent GSM noise immunity
 Hi-Fi class distortion
 Low output noise
 High immunity to RF noise injection
 Standby function
 Mute function
 Automute at min. supply voltage detection
 Low external component count
 Internally fixed gain (26 dB)
 Protections:
– Output short circuit to GND, to Vs, across
the load
– Very inductive loads
– Overrating chip temperature with soft
thermal limiter
– Output DC offset detection
– Load dump
– Fortuitous open GND
– Reversed battery
– ESD
Description
STPA008ZS is a breakthrough MOSFET
technology class AB audio power amplifier
designed for high power car radio. The fully
complementary P-Channel/N-Channel output
structure allows a rail to rail output voltage swing
which, combined with high output current and
minimized saturation losses sets new power
references in the car-radio field, with unparalleled
distortion performances.
STPA008ZS can operate down to 6V and this
makes the IC compliant to the most recent OEM
specifications for low voltage operation (so called
'start-stop' battery profile during engine stop),
helping car manufacturers to reduce the overall
emissions and thus to contribute to environment
protection.
GAPGPS00071
PowerSO-36
(slug up)
Table 1. Device summary
Order code
Package
Packing
STPA008-ZST
PowerSO36
Tape & Reel
www.st.com


Similar Part No. - STPA008-ZST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPA008-48X STMICROELECTRONICS-STPA008-48X Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008-4WX STMICROELECTRONICS-STPA008-4WX Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
STPA008-QIX STMICROELECTRONICS-STPA008-QIX Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
More results

Similar Description - STPA008-ZST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
4 48 W MOSFET quad bridge power amplifier
05-Feb-2016
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com