Electronic Components Datasheet Search
  English  ▼

X  

STPA008-ZST Datasheet(PDF) 6 Page - STMicroelectronics

Part # STPA008-ZST
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-ZST Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STPA008-ZST Datasheet HTML 2Page - STMicroelectronics STPA008-ZST Datasheet HTML 3Page - STMicroelectronics STPA008-ZST Datasheet HTML 4Page - STMicroelectronics STPA008-ZST Datasheet HTML 5Page - STMicroelectronics STPA008-ZST Datasheet HTML 6Page - STMicroelectronics STPA008-ZST Datasheet HTML 7Page - STMicroelectronics STPA008-ZST Datasheet HTML 8Page - STMicroelectronics STPA008-ZST Datasheet HTML 9Page - STMicroelectronics STPA008-ZST Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Overview
STPA008ZS
6/25
DS13138 Rev 2
Figure 2. Application circuit
IN1
0.1μF
C9
1μF
IN2
C2 0.1μF
OUT1
OUT2
IN3
C3 0.1μF
IN4
C4 0.1μF
OUT3
OUT4
C5
0.47μF
C6
ACGND
47μF
SVR
TAB
Vcc2
Vcc4
C8
0.1μF
C7
2200μF
C10
1μF
ST-BY
R1
10K
R2
47K
MUTE
C1
29
30
27
26
3
16
28
S-GND
31
25
8
1
CD OUT
21
12
34
7
23
22
19
10
13
17
32
33
36
9
4
2
11
OFFSET
DETECTOR OUT
47K
R4
V
47K
R3
V
CD
Vcc1
Vcc3
GADG0305170745PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com