Electronic Components Datasheet Search
  English  ▼

X  

AP2205 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP2205
Description  WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2205 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP2205 Datasheet HTML 1Page - Diodes Incorporated AP2205 Datasheet HTML 2Page - Diodes Incorporated AP2205 Datasheet HTML 3Page - Diodes Incorporated AP2205 Datasheet HTML 4Page - Diodes Incorporated AP2205 Datasheet HTML 5Page - Diodes Incorporated AP2205 Datasheet HTML 6Page - Diodes Incorporated AP2205 Datasheet HTML 7Page - Diodes Incorporated AP2205 Datasheet HTML 8Page - Diodes Incorporated AP2205 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AP2205
Document number: DS41592 Rev. 3 - 2
5 of 16
www.diodes.com
November 2020
© Diodes Incorporated
AP2205
Electrical Characteristics (@ VIN= VOUT+1V, TJ = +25°C, IOUT = 100µA, CIN= 1.0µF, COUT = 2.2µF, Bold typeface applies over
-40°C ≤ TJ ≤ +125°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
Variation from Specified VOUT
VOUT
×
98%
—
VOUT
×
102%
V
VREF
Reference Voltage
—
1.215
1.24
1.265
V
VIN
Input Voltage
—
2.3
—
24
V
IOUT(Max)
Maximum Output Current
VIN-VOUT = 1V, VOUT = 98% × VOUT
200
250
—
mA
∆
VOUT/∆VIN
Line Regulation
VOUT+1V ≤ VIN ≤ 24V
—
0.05
—
%
∆
VOUT/VOUT
Load Regulation
1mA ≤ IOUT ≤ 200mA
—
0.5
—
%
VDROP
Dropout Voltage (Note 7)
IOUT = 100µA
—
100
150
mV
IOUT = 50mA
—
270
350
IOUT = 100mA
—
320
460
IOUT = 150mA
—
360
500
IGND
Ground Current
IOUT = 100µA
—
36
—
µA
IOUT = 50mA
—
0.5
—
mA
IOUT = 100mA
—
1.3
—
IOUT = 150mA
—
2.5
—
ISTD
Standby Current
VIN = VOUT+1V
VEN in OFF Mode
—
0.01
1.0
µA
PSRR
Power Supply Rejection Ration
Ripple 0.5VP-P
VIN = VOUT+1V
f = 100Hz
—
60
—
dB
f = 1kHz
—
60
—
∆VOUT/(VOUT×∆T)
Output Voltage Temperature
Coefficient
IOUT = 100µA,
-40°C ≤ TJ ≤ +125°C
—
±
100
—
ppm/°C
VNOI
RMS Output Noise
TJ = +25°C, 10Hz ≤ f ≤ 100kHz
—
30
—
µVrms
IADJ
ADJ Pin Current
IOUT = 100µA
—
0.5
—
µA
IEN
EN Pin Current
VEN = VOUT+1V
—
3
—
µA
—
EN “High” Voltage
EN Input Voltage “High”
2.0
—
—
V
—
EN “Low” Voltage
EN Input Voltage “Low”
—
—
0.4
V
Notes:
7. Dropout voltage is only valid when VOUT ≥ 2.3V because of the minimum input voltage limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com