Electronic Components Datasheet Search
  English  ▼

X  

AP2205 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2205
Description  WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2205 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2205 Datasheet HTML 6Page - Diodes Incorporated AP2205 Datasheet HTML 7Page - Diodes Incorporated AP2205 Datasheet HTML 8Page - Diodes Incorporated AP2205 Datasheet HTML 9Page - Diodes Incorporated AP2205 Datasheet HTML 10Page - Diodes Incorporated AP2205 Datasheet HTML 11Page - Diodes Incorporated AP2205 Datasheet HTML 12Page - Diodes Incorporated AP2205 Datasheet HTML 13Page - Diodes Incorporated AP2205 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP2205
Document number: DS41592 Rev. 3 - 2
10 of 16
www.diodes.com
November 2020
© Diodes Incorporated
AP2205
Performance Characteristics (Cont.)
Enable Input Response
Adjustable Start-up Time by RC
Enable Input Response
Adjustable Start-up Time by RC
Maximum Output Current vs. Ambient Temperature
Enable Pin Current vs. Enable Input Voltage
VIN=2.5V,
I
OUT
=10mA
AP2205-1.5V
CIN=1.0µF
COUT=2.2µ
F
R3=10kΩ
C1=10µF
CIN=1.0µF
COUT=2.2µF
AP2205-1.5V
0
4
8
12
16
20
24
28
32
36
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
IN=6.0V
Enable Input Voltage (V)
AP2205-5.0V
-40
-25
-10
5
20
35
50
65
80
95
110 125
-50
0
50
100
150
200
250
300
350
400
450
500
Continous Air flow 10scfm
SOT25 package
V
IN=24V
V
IN=10V
V
IN=12V
V
IN=15V
V
IN=20V
AP2205-5.0V
Temperature (oC)
V
IN=6V
V
IN=7V
VIN=2.5V,
I
OUT
=10mA
VOUT
(1V/div)
VIN
(1V/div
)
VEN
(1V/div
)
Time (100µs/div)
VIN
(1V/div
)
VEN
(1V/div
)
VOUT
(1V/div)
Time (50ms/div)
AP2205-5.0V
AP2205-5.0V
R3=10kΩ
C1=10µF
CIN=1.0µF
COUT=2.2µF
Time (200µs/div)
Time (50ms/div)
VIN=6.0V,
I
OUT
=10mA
VIN=6.0V,
I
OUT
=10mA
CIN=1.0µF
COUT=2.2µ
F
VIN
(2V/div
)
VEN
(2V/div
)
VOUT
(2V/div)
VIN
(2V/div
)
VEN
(2V/div
)
VOUT
(2V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com