Electronic Components Datasheet Search
  English  ▼

X  

AP2205 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP2205
Description  WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2205 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP2205 Datasheet HTML 8Page - Diodes Incorporated AP2205 Datasheet HTML 9Page - Diodes Incorporated AP2205 Datasheet HTML 10Page - Diodes Incorporated AP2205 Datasheet HTML 11Page - Diodes Incorporated AP2205 Datasheet HTML 12Page - Diodes Incorporated AP2205 Datasheet HTML 13Page - Diodes Incorporated AP2205 Datasheet HTML 14Page - Diodes Incorporated AP2205 Datasheet HTML 15Page - Diodes Incorporated AP2205 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AP2205
Document number: DS41592 Rev. 3 - 2
14 of 16
www.diodes.com
November 2020
© Diodes Incorporated
AP2205
Package Outline Dimensions (All dimensions in mm(inch).)
(1) Package Type: SOT25
(2) Package Type: SOT89
E
H
D1
B
e
c
L
A
D
8° (
4X)
R0.
200
D2
E2
z
L1
B1
H1
TOP VIEW
BOTTOM VIEW
SOT89
Dim Min Max
Typ
A
1.40 1.60
1.50
B
0.50 0.62
0.56
B1 0.42 0.54
0.48
c
0.35 0.43
0.38
D
4.40 4.60
4.50
D1 1.62 1.83 1.733
D2 1.61 1.81
1.71
E
2.40 2.60
2.50
E2 2.05 2.35
2.20
e
-
-
1.50
H
3.95 4.25
4.10
H1 2.63 2.93
2.78
L
0.90 1.20
1.05
L1 0.327 0.527 0.427
z
0.20 0.40
0.30
All Dimensions in mm
SOT25
Dim
Min
Max Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D
-
-
0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75
α
0°
8°
-
All Dimensions in mm
A
M
J
L
D
B C
H
K
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com